Electronic Components Datasheet Search
  English  ▼

X  

2R090 Datasheet(PDF) 1 Page - Guangdong Juxing Electronics Technology Co., Ltd.

Part # 2R090
Description  2-Electrode arrester
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  JUXING [Guangdong Juxing Electronics Technology Co., Ltd.]
Direct Link  http://www.trr-jx.com
Logo JUXING - Guangdong Juxing Electronics Technology Co., Ltd.

2R090 Datasheet(HTML) 1 Page - Guangdong Juxing Electronics Technology Co., Ltd.

  2R090 Datasheet HTML 1Page - Guangdong Juxing Electronics Technology Co., Ltd. 2R090 Datasheet HTML 2Page - Guangdong Juxing Electronics Technology Co., Ltd. 2R090 Datasheet HTML 3Page - Guangdong Juxing Electronics Technology Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
Features
Applications
●
Extremely small size
●
Splitter
●
Extremely fast response time
●
PCI Cards
●
Eexcllent SMD handing
●
Morden
●
Stable performance over life
●
Line cards
●
Very low capacitance
●
High insulation resistance
●
RoHS-compatible
Electrical specifications
DC breakdown voltage
2) 3)
90
V
——Circuit current less than 2mA
±25
%
Impulse breakdown voltage
1)
at 1kv/us
-Typical values of distribution
≤
600
V
Insulation resistance at DC 100V
≥1
GΩ
Capacitance at 1MHz
2)
≤1
Pf
Service life
2)
10 operations
8/20us
10
KA
1
operation
10/350us
2.5
KA
10 operations
50Hz,1S
10
A
1
operation
50Hz,9 cycles
100
A
500 operations
10/1000us
100
A
Weight
1
g
Storage and operations temperature
-40…+90
°C
Climatic category(GB/T 9043,IEC61643-1)
40/90/21
Marking
2R90
2R090
2-Electrode arrester
http://www.trr-jx.com
version: 02


Similar Part No. - 2R090

ManufacturerPart #DatasheetDescription
logo
Ruilongyuan Electronics...
2R090-4S RUILON-2R090-4S Datasheet
667Kb / 6P
Gas Discharge Tubes
logo
SUNMATE electronic Co.,...
2R090-4S SUNMATE-2R090-4S Datasheet
674Kb / 3P
GAS DISCHARGE TUBES
logo
Shanghai Leiditech Elec...
2R090-4S LEIDITECH-2R090-4S Datasheet
1Mb / 3P
Excellent SMD handing
2R090-5L LEIDITECH-2R090-5L Datasheet
1Mb / 4P
GDT introduction:Gas discharge tubes (GDT) use noble gasses enclosed in ceramic tubes to provide an alternate circuit path for voltage spikes
logo
Ruilongyuan Electronics...
2R090-5S RUILON-2R090-5S Datasheet
674Kb / 6P
Gas Discharge Tubes
More results

Similar Description - 2R090

ManufacturerPart #DatasheetDescription
logo
EPCOS
V12-A600X EPCOS-V12-A600X Datasheet
86Kb / 2P
2-Electrode-Arrester
A71-H14XF EPCOS-A71-H14XF Datasheet
89Kb / 2P
2-Electrode-Arrester
A80-C350X EPCOS-A80-C350X Datasheet
15Kb / 2P
2-Electrode-Arrester
A81-A250XSMD EPCOS-A81-A250XSMD Datasheet
91Kb / 2P
2-Electrode-Arrester
A81-A350XG EPCOS-A81-A350XG Datasheet
82Kb / 2P
2-Electrode-Arrester
A81-A500X EPCOS-A81-A500X Datasheet
17Kb / 2P
2-Electrode-Arrester
A83-A600X EPCOS-A83-A600X Datasheet
80Kb / 2P
2-Electrode-Arrester
B88069X4131S102 EPCOS-B88069X4131S102 Datasheet
55Kb / 4P
2-electrode arrester
B88069X5080S102 EPCOS-B88069X5080S102 Datasheet
55Kb / 4P
2-electrode arrester
N81-A230X EPCOS-N81-A230X Datasheet
87Kb / 2P
2-Electrode-Arrester
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com