Electronic Components Datasheet Search
  English  ▼

X  

2R-P Datasheet(PDF) 1 Page - Guangdong Juxing Electronics Technology Co., Ltd.

Part # 2R-P
Description  2-Electrode arrester
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  JUXING [Guangdong Juxing Electronics Technology Co., Ltd.]
Direct Link  http://www.trr-jx.com
Logo JUXING - Guangdong Juxing Electronics Technology Co., Ltd.

2R-P Datasheet(HTML) 1 Page - Guangdong Juxing Electronics Technology Co., Ltd.

  2R-P Datasheet HTML 1Page - Guangdong Juxing Electronics Technology Co., Ltd. 2R-P Datasheet HTML 2Page - Guangdong Juxing Electronics Technology Co., Ltd. 2R-P Datasheet HTML 3Page - Guangdong Juxing Electronics Technology Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
Features
Applications
●
Extremely small siz
●
Extremely fast response time ● Splitter
●
Eexcllent SMD handing
●
PCI Cards
●
Stable performance over life
●
Morden
●
Very low capacitance
●
Line cards
●
High insulation resistance
●
Storage and operating temperature -40…+125°C
●
RoHS-compatible
●
UL-identification
Electrical specifications
Part Number
Impulse
spark-over
Voltage
Max.
Impulse
Breakdown
Voltage
Discharge
Current
(8/20us)
AC
discharge
Current
Impulse
Life
(10/1000us)
Minimum
Insulation
Resistance
Max.
Capacitance
1MHz
100V/S
1KV/us
10 times
50Hz,1S
10A
%
V
KA
A
Times
Test Voltage
DC(V)
(GΩ)
(Pf)
2R75PM/PL
±30
600
10
10
100
50
1
1
2R90PM/PL
±30
600
10
10
100
50
1
1
2R150PM/PL
±20
600
10
10
100
100
1
1
2R230PM/PL
±20
800
10
10
100
100
1
1
2R300PM/PL
±20
850
10
10
100
100
1
1
2R350PM/PL
±20
950
10
10
100
100
1
1
2R400PM/PL
±20
1000
10
10
100
100
1
1
2R470PM/PL
±20
1100
10
10
100
100
1
1
2R600PM/PL
±20
1200
10
10
100
100
1
1
2R800PM/PL
±20
1500
10
10
100
100
1
1
Part Number Code
2
R
1
5
0
PM/PL
2R series
DC Voltage
P:8*6
M:SMD
L:With lead
2-Electrode arrester
http://www.trr-jx.com
version: 02
2R-P series
JX
JX
JX
JX
JX
JX
JX
JX
JX
JX
e
J
uXing


Similar Part No. - 2R-P

ManufacturerPart #DatasheetDescription
logo
HuaXinAn Electronics CO...
2R-1000 HUAXINAN-2R-1000 Datasheet
210Kb / 2P
2-Electrode Gas Discharge Tubes
2R-1200 HUAXINAN-2R-1200 Datasheet
210Kb / 2P
2-Electrode Gas Discharge Tubes
2R-140 HUAXINAN-2R-140 Datasheet
212Kb / 3P
2-Electrode Gas Discharge Tubes
2R-150 HUAXINAN-2R-150 Datasheet
212Kb / 3P
2-Electrode Gas Discharge Tubes
2R-1500 HUAXINAN-2R-1500 Datasheet
210Kb / 2P
2-Electrode Gas Discharge Tubes
More results

Similar Description - 2R-P

ManufacturerPart #DatasheetDescription
logo
EPCOS
V12-A600X EPCOS-V12-A600X Datasheet
86Kb / 2P
2-Electrode-Arrester
A71-H14XF EPCOS-A71-H14XF Datasheet
89Kb / 2P
2-Electrode-Arrester
A80-C350X EPCOS-A80-C350X Datasheet
15Kb / 2P
2-Electrode-Arrester
A81-A250XSMD EPCOS-A81-A250XSMD Datasheet
91Kb / 2P
2-Electrode-Arrester
A81-A350XG EPCOS-A81-A350XG Datasheet
82Kb / 2P
2-Electrode-Arrester
A81-A500X EPCOS-A81-A500X Datasheet
17Kb / 2P
2-Electrode-Arrester
A83-A600X EPCOS-A83-A600X Datasheet
80Kb / 2P
2-Electrode-Arrester
B88069X4131S102 EPCOS-B88069X4131S102 Datasheet
55Kb / 4P
2-electrode arrester
B88069X5080S102 EPCOS-B88069X5080S102 Datasheet
55Kb / 4P
2-electrode arrester
N81-A230X EPCOS-N81-A230X Datasheet
87Kb / 2P
2-Electrode-Arrester
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com