Electronic Components Datasheet Search
  English  ▼

X  

7809LPRPFH Datasheet(PDF) 9 Page - Maxwell Technologies

Part # 7809LPRPFH
Description  16-Bit Latchup Protected Analog to Digital Converter
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXWELL [Maxwell Technologies]
Direct Link  http://www.maxwell.com
Logo MAXWELL - Maxwell Technologies

7809LPRPFH Datasheet(HTML) 9 Page - Maxwell Technologies

Back Button 7809LPRPFH Datasheet HTML 5Page - Maxwell Technologies 7809LPRPFH Datasheet HTML 6Page - Maxwell Technologies 7809LPRPFH Datasheet HTML 7Page - Maxwell Technologies 7809LPRPFH Datasheet HTML 8Page - Maxwell Technologies 7809LPRPFH Datasheet HTML 9Page - Maxwell Technologies 7809LPRPFH Datasheet HTML 10Page - Maxwell Technologies 7809LPRPFH Datasheet HTML 11Page - Maxwell Technologies 7809LPRPFH Datasheet HTML 12Page - Maxwell Technologies 7809LPRPFH Datasheet HTML 13Page - Maxwell Technologies Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 23 page
background image
9
All data sheets are subject to change without notice
©2005 Maxwell Technologies
All rights reserved.
16-Bit Latchup Protected Analog to Digital Converter
7809LP
01.11.05 Rev 7
t13
External DATACLK HIGH
9, 10, 11
20
--
--
ns
t14
External DATACLK LOW
9, 10, 11
30
--
--
ns
t15
DATACLK HIGH Setup Time
9, 10, 11
20
--
t12 + 5
ns
t16
R/C to CS Setup Time
9, 10, 11
10
--
--
ns
t17
SYNC Delay After DATACLK High
9, 10, 11
15
--
35
ns
t18
Data Valid Delay
9, 10, 11
25
--
55
ns
t19
CS to Rising Edge Delay
9, 10, 11
25
--
--
ns
t20
Data Available after CS LOW
9, 10, 11
6
--
--
µ s
TABLE 15. 7809LP CONVERSION DATA TIMING
DESCRIPTION
ANALOG INPUT
DIGITAL OUTPUT
BINARY TWO’S
COMPLEMENT (SB/BTC
LOW)
STRAIGHT BINARY
(SB/BTC HIGH)
BINARY CODE
HEX
CODE
BINARY CODE
HEX
CODE
Full Scale
Range
±10
±5
±3.33V
0V to
10V
0V to 5V 0V to 4V
Least Signifi-
cant Bit (LSB)
305 µ V
153 µ V
102 µ V
153 µ V
76 µ V
61 µ V
+ Full Scale
(FS - 1 LSB)
9.99969
5V
4.99984
7V
3.33323
1V
9.99984
7V
4.99992
4V
3.99993
8V
0111 1111
1111 1111
7FFF
1111 1111
1111 1111
FFFF
Midscale
0V
0V
0V
5V
2.5V
2V
0000 0000
0000 0000
0000
1000 0000
0000 0000
8000
One LSB
Below Mid-
scale
-305 µ V -153 µ V -102 µ V
4.99984
7V
2.49992
4V
1.99993
9V
1111 1111
1111 1111
FFFF
0111 1111
1111 1111
7FFF
-Full Scale
-10V
-5V
3.33333
3V
0V
0V
0V
1000 0000
0000 0000
8000
0000 0000
0000 0000
0000
TABLE 14. 7809LP CONVERSION AND DATA TIMING
(T
A = -40
°C TO 85 °C UNLESS OTHERWISE SPECIFIED)
SYMBOL
DESCRIPTION
SUBGROUPS
MIN
TYP
MAX
UNIT



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com