Electronic Components Datasheet Search
  English  ▼

X  

WTBL2012 Datasheet(PDF) 5 Page - WALSIN TECHNOLOGY CORPORATION

Part # WTBL2012
Description  Excellent solderability
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WALSIN [WALSIN TECHNOLOGY CORPORATION]
Direct Link  http://www.passivecomponent.com/
Logo WALSIN - WALSIN TECHNOLOGY CORPORATION

WTBL2012 Datasheet(HTML) 5 Page - WALSIN TECHNOLOGY CORPORATION

  WTBL2012 Datasheet HTML 1Page - WALSIN TECHNOLOGY CORPORATION WTBL2012 Datasheet HTML 2Page - WALSIN TECHNOLOGY CORPORATION WTBL2012 Datasheet HTML 3Page - WALSIN TECHNOLOGY CORPORATION WTBL2012 Datasheet HTML 4Page - WALSIN TECHNOLOGY CORPORATION WTBL2012 Datasheet HTML 5Page - WALSIN TECHNOLOGY CORPORATION  
Zoom Inzoom in Zoom Outzoom out
 5 / 5 page
background image
Page 5 of 5
ASC_WTBL2012 Series_V5.0
Nov. Y2017
Tape & Reel Packaging Dimensions:
COMPONENTS
NO COMPONENTS
NO COMPONENTS
160 (mm) MIN
CARRIER TAPE REELS (mm)
B
MATERIAL: PLASTIC
COVER TAPE
2.0±0.1
DIMENSIONS OF CARRIER TAPE (mm)
MAX. 560 (mm)
MIN. 390 (mm)
D
P
USER DIRECTION OF FEED
C
4.0±0.1
φ
1.5
+0.1
-0
THICKNESS (t)
0.10 MAX
EMBOSSED CARRIER
END
THE FORCE FOR TEARING OFF COVER TAPE IS 10 TO
100 GRAMS IN THE ARROW DIRECTION.
TOP COVER TAPE
EMBOSSED CAVITY
BASE TAPE
START
165 TO 180°
Quantity per reel:2K pcs
UNIT : mm
A
B
C
D
N
P
W
t
DIM.
178
13.0
8.4
12.5
50
4.0
8.00
0.22
TOL.
±2.0
±0.8
+1.0-0
MAX
MIN
±0.10
±0.20
±0.05



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com