Electronic Components Datasheet Search
  English  ▼

X  

LD412060 Datasheet(PDF) 1 Page - Inchange Semiconductor Company Limited

Part # LD412060
Description  Dual Diode Isolated Module
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ISC [Inchange Semiconductor Company Limited]
Direct Link  http://www.iscsemi.cn
Logo ISC - Inchange Semiconductor Company Limited

LD412060 Datasheet(HTML) 1 Page - Inchange Semiconductor Company Limited

  LD412060 Datasheet HTML 1Page - Inchange Semiconductor Company Limited LD412060 Datasheet HTML 2Page - Inchange Semiconductor Company Limited  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
isc website:www.iscsemi.cn
isc & iscsemi is registered trademark
1
LD412060
Dual Diode Isolated Module
FEATURES
·
Electrically Isolated Heatsinking
·
Metal Baseplate
·
Low Thermal Impedance for Improved Current Capability
·
Minimum Lot-to-Lot variations for robust device
performance and reliable operation
APPLICATIONS
·
Battery charges
·
AC/DC motor drives
·
Power Supplies
ABSOLUTE MAXIMUM RATINGS
SYMBOL
PARAMETER
CONDITIONS
VALUE
UNIT
VRRM
Repetitive Peak Reverse Voltage
2000
V
IF(AV)
Average Forward Current
TC=100℃,
180° conduction, sine,50Hz
600
A
IF(RMS)
R.M.S. Forward Current
1256
A
IFSM
Surge Forward Current
10ms,half sine wave,VR=0.6VRRM
Tj=150℃
18
KA
I2t
I2t for fusing
1650
KA2s
TJ
Junction Temperature
-40~150
℃
Tstg
Storage Temperature Range
-40~150
℃
Viso
Isolation Breakdown Voltage(R.M.S.)
2500
V


Similar Part No. - LD412060

ManufacturerPart #DatasheetDescription
logo
Powerex Power Semicondu...
LD412060 POWEREX-LD412060 Datasheet
393Kb / 6P
POW-R-BLOK Dual Diode Isolated Module 600 Amperes / Up to 2600 Volts
More results

Similar Description - LD412060

ManufacturerPart #DatasheetDescription
logo
Powerex Power Semicondu...
QRD4518001 POWEREX-QRD4518001 Datasheet
763Kb / 5P
Dual Diode Isolated Module 180 Amperes/4500 Volts
LD421843 POWEREX-LD421843 Datasheet
354Kb / 5P
Dual SCR/Diode Isolated Module
ND420625 POWEREX-ND420625_12 Datasheet
144Kb / 5P
Dual SCR/Diode Isolated Module
ND420821 POWEREX-ND420821 Datasheet
140Kb / 4P
Dual SCR/Diode Isolated Module
CD620815B POWEREX-CD620815B Datasheet
115Kb / 4P
Dual SCR/Diode Isolated Module
CD420890C POWEREX-CD420890C Datasheet
461Kb / 4P
Dual SCR/Diode Isolated Module
CD420890B POWEREX-CD420890B Datasheet
120Kb / 4P
Dual SCR/Diode Isolated Module
PD421207 POWEREX-PD421207_12 Datasheet
376Kb / 5P
Dual SCR / Diode Isolated Module
ND470625 POWEREX-ND470625_12 Datasheet
142Kb / 5P
Dual SCR/Diode Isolated Module
logo
Inchange Semiconductor ...
CD610816C ISC-CD610816C Datasheet
209Kb / 2P
Dual Diode Isolated Module
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com