Electronic Components Datasheet Search
  English  ▼

X  

MB6F Datasheet(PDF) 2 Page - Shanghai Shunye Electronics Co.,Ltd.

Part # MB6F
Description  SINGLE PHASE GLASS PASSIVATED BRIDGE RECTIFIERS
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SHUNYE [Shanghai Shunye Electronics Co.,Ltd.]
Direct Link  http://www.shunyegroup.com.cn/
Logo SHUNYE - Shanghai Shunye Electronics Co.,Ltd.

MB6F Datasheet(HTML) 2 Page - Shanghai Shunye Electronics Co.,Ltd.

  MB6F Datasheet HTML 1Page - Shanghai Shunye Electronics Co.,Ltd. MB6F Datasheet HTML 2Page - Shanghai Shunye Electronics Co.,Ltd.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
RATINGS AND CHARACTERISTIC CURVES MBF SERIES
0.8
0.7
0.6
0.5
0.4
0.3
0.2
0.1
0
0
20
40
60
80
100
120
140
160
35
30
25
20
15
10
5
0
0.2 0.4
0.6
0.8
1.0 1.2
1.4
1.6
0.1
1
10
100 200
REVERSE VOLTAGE.(V)
FIG. 3-TYPICAL FORWARD VOLTAGE
CHARACTERISTICS PER LEG
NUMBER OF CYCLES
FIG. 2-MAXIMUM NON-REPETITIVE PEAK FORWARD
SURGE CURRENT PERLEG
FIG. 1- DERATING CURVE OUTPUT RECTIFIED
CURRENT FOR
INSTANTANEOUS FORWARD VOLTAGE.(V)
1
100
10
1
0.1
0.01
30
25
20
15
10
5
0
0
20
40
60
80
100
100
10
1
0.1
0.01
PERCENT OF RATED PEAK REVERSE VOLTAGE(%)
FIG. 4-TYPICAL REVERSE LEAKAGE
CHARACTERISTICS PER LEG
AMBIENT TEMPERATURE,(
*)
10
FIG. 5-TYPICAL JUNCTION CAPACTITANE
PER LEG
TJ=150
*
TJ=25
*
Glass Epoxy
P.C.B.
Aluminum Substrate
Ta=40
*
Single Half Sine-Wave
(JEDEC Method)
1Cycle
f=50Hz
f=60Hz
TJ=25
*
Pulse Width=300
*s
1% Duty Cycle
TJ=125
*
TJ=25
*
TJ=25
*
f=1.0MHZ
Vsig=50mV p-p
www.shunyegroup.com.cn



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com