Electronic Components Datasheet Search
  English  ▼

X  

3087 Datasheet(PDF) 2 Page - PHOENIX CONTACT

Part # 3087
Description  FL SWITCH SF
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT

3087 Datasheet(HTML) 2 Page - PHOENIX CONTACT

  3087 Datasheet HTML 1Page - PHOENIX CONTACT 3087 Datasheet HTML 2Page - PHOENIX CONTACT 3087 Datasheet HTML 3Page - PHOENIX CONTACT 3087 Datasheet HTML 4Page - PHOENIX CONTACT 3087 Datasheet HTML 5Page - PHOENIX CONTACT 3087 Datasheet HTML 6Page - PHOENIX CONTACT 3087 Datasheet HTML 7Page - PHOENIX CONTACT 3087 Datasheet HTML 8Page - PHOENIX CONTACT 3087 Datasheet HTML 9Page - PHOENIX CONTACT  
Zoom Inzoom in Zoom Outzoom out
 2 / 9 page
background image
FL SWITCH SF…
3087_en_A
PHOENIX CONTACT
2
3Ordering data
Products
Description
Type
Order No.
Pcs. / Pkt.
Ethernet switch with 8 RJ45 ports
FL SWITCH SF 8TX
2832771
1
Ethernet switch with 7 RJ45 ports and
1 fiber optic port in SC format
FL SWITCH SF 7TX/FX
2832726
1
Ethernet switch with 6 RJ45 ports and
2 fiber optic ports in SC format
FL SWITCH SF 6TX/2FX
2832933
1
Ethernet switch with 16 RJ-45 ports
FL SWITCH SF 16TX
2832849
1
Ethernet switch with 15 RJ45 ports and
1 fiber optic port in SC format
FL SWITCH SF 15TX/FX
2832661
1
Ethernet switch with 14 RJ45 ports and
2 fiber optic ports in SC format
FL SWITCH SF 14TX/2FX
2832593
1
Ethernet switch with 7 RJ45 ports and
1 fiber optic port in ST format
FL SWITCH SF 7TX/FX ST
2832577
1
Ethernet switch with 6 RJ45 ports and
2 fiber optic ports in ST format
FL SWITCH SF 6TX/2FX ST
2832674
1
Accessories
Description
Type
Order No.
Pcs. / Pkt.
Rail adapter for mounting the 8-port switch
at an angle of 90°
FL RA SF8
2832519
1
Universal end clamp
E/NS 35 N
0800886
50
RJ45 connector set; gray for 1:1 cables (pack of 2)
FL PLUG RJ45 GR/2
2744856
1
RJ45 connector set; green for crossover cables (pack of 2)
FL PLUG RJ45 GN/2
2744571
1
Double sheathed Ethernet cable
FL CAT5 HEAVY
2744814
-
Flexible Ethernet cable
FL CAT5 FLEX
2744830
-
Assembly tool for RJ45 connector
FL CRIMPTOOL
2744869
1
Patchbox 8 x RJ45 CAT5e, pre-assembled, can be retrofitted
FL PBX 8TX
2832496
1
Patchbox 6 x RJ45 CAT5e and 4 SC-RJ, glass pre-assembled, can be
retrofitted
FL PBX 6TX/4FX
2832506
1
Patch cable, CAT 5, pre-assembled, 0.3 m long
FL CAT5 PATCH 0,3
2832250
10
Patch cable, CAT 5, pre-assembled, 0.5 m long
FL CAT5 PATCH 0,5
2832263
10
Patch cable, CAT 5, pre-assembled, 1.0 m long
FL CAT5 PATCH 1,0
2832276
10
Patch cable, CAT 5, pre-assembled, 1.5 m long
FL CAT5 PATCH 1,5
2832221
10
Patch cable, CAT 5, pre-assembled, 2.0 m long
FL CAT5 PATCH 2,0
2832289
10
Patch cable, CAT 5, pre-assembled, 3.0 m long
FL CAT5 PATCH 3,0
2832292
10
Patch cable, CAT 5, pre-assembled, 5.0 m long
FL CAT5 PATCH 5,0
2832580
10
Patch cable, CAT 5, pre-assembled, 7.5 m long
FL CAT5 PATCH 7,5
2832616
10
Patch cable, CAT 5, pre-assembled, 10.0 m long
FL CAT5 PATCH 10
2832629
10
Dust protection caps for RJ45 sockets
FL RJ45 PROTECT CAP
2832991
10



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com