Electronic Components Datasheet Search
  English  ▼

X  

3379 Datasheet(PDF) 2 Page - PHOENIX CONTACT

Part # 3379
Description  FL MC 2000T
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT

3379 Datasheet(HTML) 2 Page - PHOENIX CONTACT

  3379 Datasheet HTML 1Page - PHOENIX CONTACT 3379 Datasheet HTML 2Page - PHOENIX CONTACT 3379 Datasheet HTML 3Page - PHOENIX CONTACT 3379 Datasheet HTML 4Page - PHOENIX CONTACT 3379 Datasheet HTML 5Page - PHOENIX CONTACT 3379 Datasheet HTML 6Page - PHOENIX CONTACT 3379 Datasheet HTML 7Page - PHOENIX CONTACT  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
FL MC 2000T…
3379_en_B
PHOENIX CONTACT
2/7
3Ordering data
4
Technical data
Products
Description
Type
Order No.
Pcs./Pkt.
Fiber optic converter, SC connection (1310 nm), for converting 10/
100Base-Tx to multi-mode fiberglass
FL MC 2000T SC
2891315
1
Fiber optic converter, ST connection (1310 nm), for converting 10/
100Base-Tx to multi-mode fiberglass
FL MC 2000T ST
2891316
1
Fiber optic converter, SC connection (1310 nm), for converting 10/
100Base-Tx to single-mode fiberglass
FL MC 2000T SM20 SC
2891317
1
Fiber optic converter, SC connection (1310 nm), for converting 10/
100Base-Tx to single-mode fiberglass
FL MC 2000T SM40 SC
2891318
1
Accessories
Description
Type
Order No.
Pcs./Pkt.
Universal end clamp
E/NS 35 N
0800886
50
Patch cable, CAT 5, pre-assembled, 0.3 m long
FL CAT5 PATCH 0,3
2832250
10
Patch cable, CAT 5, pre-assembled, 0.5 m long
FL CAT5 PATCH 0,5
2832263
10
Patch cable, CAT 5, pre-assembled, 1.0 m long
FL CAT5 PATCH 1,0
2832276
10
Patch cable, CAT 5, pre-assembled, 1.5 m long
FL CAT5 PATCH 1,5
2832221
10
Patch cable, CAT 5, pre-assembled, 2.0 m long
FL CAT5 PATCH 2,0
2832289
10
Patch cable, CAT 5, pre-assembled, 3.0 m long
FL CAT5 PATCH 3,0
2832292
10
Patch cable, CAT 5, pre-assembled, 5.0 m long
FL CAT5 PATCH 5,0
2832580
10
Patch cable, CAT 5, pre-assembled, 7.5 m long
FL CAT5 PATCH 7,5
2832616
10
Patch cable, CAT 5, pre-assembled, 10.0 m long
FL CAT5 PATCH 10
2832629
10
General data
Function
Converter, Ethernet 10/100Base-Tx to fiber optic; conforms to standard
IEEE 802.3
Housing dimensions (width x height x depth)
28 x 110 x 70 mm
Weight, without connectors
315 g
Operating temperature
-40°C … 75°C
Storage temperature
-40°C … 85°C
Degree of protection
IP20, DIN 40050, IEC 60529
Protection class
Class 3 VDE 0106; IEC 60536
Humidity (operation and storage)
5% to 95%, no condensation
Air pressure (operation)
66 kPa … 108 kPa, 4850 m above sea level
Air pressure (storage)
66 kPa … 108 kPa, 4850 m above sea level
Mounting
NS 35 (EN 60715)
Preferred mounting position
Perpendicular to a standard mounting rail
Connection to protective earth ground
Snapped onto a grounded mounting rail
Latency (pass through mode)
865 ns



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com