Electronic Components Datasheet Search
  English  ▼

X  

RS432CNP Datasheet(PDF) 2 Page - Princeton Technology Corp

Part # RS432CNP
Description  Adjustable Precision Shunt Regulator
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PTC [Princeton Technology Corp]
Direct Link  http://www.princeton.com.tw
Logo PTC - Princeton Technology Corp

RS432CNP Datasheet(HTML) 2 Page - Princeton Technology Corp

  RS432CNP Datasheet HTML 1Page - Princeton Technology Corp RS432CNP Datasheet HTML 2Page - Princeton Technology Corp RS432CNP Datasheet HTML 3Page - Princeton Technology Corp RS432CNP Datasheet HTML 4Page - Princeton Technology Corp  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
RS432
V1.0
2
September 2013
APPLICATION CIRCUITS
Note: VKA=VREF(1+R1/R2)+IREFxR1
Fig 1. Test Circuit for VKA= VREF
Fig 2. Test Circuit for VKA > VREF
Fig 3. Test Circuit for Off-State Current
ORDERING INFORMATION
Device
Device Code
RS432 X YY Z
X is Reference voltage precision designator:
B: 1.24V ±1.0%
C: 1.24V ±0.5%
YY is package designator :
N: SOT-23
A: TO-92
Z is Lead Free designator :
P: Commercial standard, Lead (Pb) Free and Phosphorous (P) Free package



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com