Electronic Components Datasheet Search
  English  ▼

X  

RS431BATG Datasheet(PDF) 1 Page - Princeton Technology Corp

Part # RS431BATG
Description  Adjustable Precision Shunt Regulator
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PTC [Princeton Technology Corp]
Direct Link  http://www.princeton.com.tw
Logo PTC - Princeton Technology Corp

RS431BATG Datasheet(HTML) 1 Page - Princeton Technology Corp

  RS431BATG Datasheet HTML 1Page - Princeton Technology Corp RS431BATG Datasheet HTML 2Page - Princeton Technology Corp RS431BATG Datasheet HTML 3Page - Princeton Technology Corp RS431BATG Datasheet HTML 4Page - Princeton Technology Corp  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
RS431
Adjustable Precision Shunt Regulator
Tel: 886-2-66296288
‧Fax: 886-2-29174598‧http://www.princeton.com.tw‧2F, No. 233-1, Baociao Rd., Sindian Dist., New Taipei City 23145, Taiwan
DESCRIPTION
The RS431 series are three
‐terminal adjustable
regulators with guaranteed thermal stability over
applicable temperature ranges. The output voltage
may be set to any value between VREF (approximately
2.5V) and 36V with two external resistors. These
devices have a typical dynamic output impedance of
0.2Ω. Active output circuitry provides a very sharp
turn
‐on characteristic, making these devices excellent
replacement for zener diodes in many applications.
FEATURES
 Programmable Precise Output Voltage from 2.5V to
36V
 High Stability under Capacitive Load
 Low Temperature Deviation: 4.5mV Typical
 Low Dynamic Output Resistance: 0.2Ω Typical
 Sink Current Capacity from 1mA to 100mA
 Low Output Noise
 Wide Operating Range of -40 to 125℃
 Low Equivalent Full-range Temperature Coefficient
with 20PPM/℃ Typical
BLOCK DIAGRAM
Functional Block Diagram
Symbol


Similar Part No. - RS431BATG

ManufacturerPart #DatasheetDescription
logo
Orister Corporation
RS431BATG ORISTER-RS431BATG Datasheet
867Kb / 10P
Adjustable Precision Shunt Regulator
More results

Similar Description - RS431BATG

ManufacturerPart #DatasheetDescription
logo
New Japan Radio
NJM431 NJRC-NJM431 Datasheet
216Kb / 5P
ADJUSTABLE PRECISION SHUNT REGULATOR
logo
Toshiba Semiconductor
TA76431AS TOSHIBA-TA76431AS Datasheet
242Kb / 7P
ADJUSTABLE PRECISION SHUNT REGULATOR
logo
List of Unclassifed Man...
SE431 ETC-SE431 Datasheet
215Kb / 8P
ADJUSTABLE PRECISION SHUNT REGULATOR
logo
Anpec Electronics Corop...
APL1431 ANPEC-APL1431 Datasheet
460Kb / 12P
Adjustable Precision Shunt Regulator
logo
Ceramate Technical
CP431 CERAMATE-CP431 Datasheet
347Kb / 9P
Adjustable Precision shunt Regulator
CP432 CERAMATE-CP432 Datasheet
367Kb / 10P
Adjustable Precision Shunt Regulator
logo
Taiwan Semiconductor Co...
TS431I TSC-TS431I Datasheet
776Kb / 13P
Adjustable Precision Shunt Regulator
logo
ACE Technology Co., LTD...
ACE431S ACE-ACE431S Datasheet
303Kb / 12P
Adjustable Precision Shunt Regulator
VER 1.2
logo
Advanced Power Electron...
AP432 A-POWER-AP432 Datasheet
329Kb / 8P
Adjustable Precision Shunt Regulator
logo
Compact Technology Corp...
TL431 CTC-TL431 Datasheet
399Kb / 7P
Adjustable Precision Shunt Regulator
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com