Electronic Components Datasheet Search
  English  ▼

X  

AF127 Datasheet(PDF) 1 Page - Siemens Semiconductor Group

Part # AF127
Description  Germanium PNP Transistor
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SIEMENS [Siemens Semiconductor Group]
Direct Link  http://www.siemens.com/
Logo SIEMENS - Siemens Semiconductor Group

AF127 Datasheet(HTML) 1 Page - Siemens Semiconductor Group

  AF127 Datasheet HTML 1Page - Siemens Semiconductor Group AF127 Datasheet HTML 2Page - Siemens Semiconductor Group AF127 Datasheet HTML 3Page - Siemens Semiconductor Group AF127 Datasheet HTML 4Page - Siemens Semiconductor Group AF127 Datasheet HTML 5Page - Siemens Semiconductor Group AF127 Datasheet HTML 6Page - Siemens Semiconductor Group AF127 Datasheet HTML 7Page - Siemens Semiconductor Group AF127 Datasheet HTML 8Page - Siemens Semiconductor Group AF127 Datasheet HTML 9Page - Siemens Semiconductor Group Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 11 page
background image
Siemens
Transistor AF127
Datasheet
Germanium PNP Transistor
AF127
HF Transistor
32V / 10mA
DATASHEET
OEM – Siemens
Source: Siemens Databook 1970/71
Datasheet Rev. 1.3 – 02/19 – data without warranty / liability


Similar Part No. - AF127

ManufacturerPart #DatasheetDescription
logo
ABB
AF12-30-01-11 ABB-AF12-30-01-11 Datasheet
57Kb / 3P
AF12-30-01-11 24-60V50/60HZ 20-60VDC Contactor
AF12-30-01-12 ABB-AF12-30-01-12 Datasheet
57Kb / 3P
AF12-30-01-12 48-130V50/60HZ-DC Contactor
AF12-30-01-13 ABB-AF12-30-01-13 Datasheet
57Kb / 3P
AF12-30-01-13 100-250V50/60HZ-DC Contactor
AF12-30-01-14 ABB-AF12-30-01-14 Datasheet
57Kb / 3P
AF12-30-01-14 250-500V50/60HZ-DC Contactor
AF12-30-10-11 ABB-AF12-30-10-11 Datasheet
57Kb / 3P
AF12-30-10-11 24-60V50/60HZ 20-60VDC Contactor
More results

Similar Description - AF127

ManufacturerPart #DatasheetDescription
logo
Siemens Semiconductor G...
AF109R SIEMENS-AF109R Datasheet
140Kb / 5P
PNP GERMANIUM RF TRANSISTOR
AF239 SIEMENS-AF239 Datasheet
156Kb / 6P
PNP GERMANIUM RF TRANSISTOR
AF239S SIEMENS-AF239S Datasheet
84Kb / 4P
PNP GERMANIUM RF TRANSISTOR
AF240 SIEMENS-AF240 Datasheet
110Kb / 5P
PNP GERMANIUM RF TRANSISTOR
AF280S SIEMENS-AF280S Datasheet
44Kb / 2P
PNP GERMANIUM RHF TRANSISTOR
AF289 SIEMENS-AF289 Datasheet
38Kb / 2P
PNP GERMANIUM UHF TRANSISTOR
AF379 SIEMENS-AF379 Datasheet
41Kb / 2P
PNP GERMANIUM RF TRANSISTOR
logo
New Jersey Semi-Conduct...
2N4277 NJSEMI-2N4277 Datasheet
123Kb / 1P
PNP GERMANIUM POWER TRANSISTOR
logo
American Microsemicondu...
2N2169 AMMSEMI-2N2169 Datasheet
397Kb / 1P
PNP Germanium Transistor
logo
List of Unclassifed Man...
ASZ16 ETC1-ASZ16 Datasheet
4Mb / 18P
Germanium PNP Transistor
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com