Electronic Components Datasheet Search
  English  ▼

X  

MSS4 Datasheet(PDF) 4 Page - List of Unclassifed Manufacturers

Part # MSS4
Description  SIP SERIES REED RELAYS
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC1 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC1 - List of Unclassifed Manufacturers

MSS4 Datasheet(HTML) 4 Page - List of Unclassifed Manufacturers

  MSS4 Datasheet HTML 1Page - List of Unclassifed Manufacturers MSS4 Datasheet HTML 2Page - List of Unclassifed Manufacturers MSS4 Datasheet HTML 3Page - List of Unclassifed Manufacturers MSS4 Datasheet HTML 4Page - List of Unclassifed Manufacturers MSS4 Datasheet HTML 5Page - List of Unclassifed Manufacturers MSS4 Datasheet HTML 6Page - List of Unclassifed Manufacturers MSS4 Datasheet HTML 7Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 4 / 7 page
background image
SIP SERIES REED RELAYS
DSS4 MVS4 MSS4
COIL SPECIFICATIONS
MECHANICAL DIMENSIONS
Contact Form
Coil Voltage
Coil Resistance
Operate Voltage
Release Voltage
Nominal Input Power
Units
Volts
Ω
Volts
Volts
mW
Conditions
+/- 10% (25
°C)
Must operate by (25
°C) Must release by (25°C)
Part
#
Min
Typ
Max
Min
Typ
Max
Min
Typ
Max
Min
Typ
Max
Min
Typ
Max
SIL41A03(B)
1-Form-A
3
6
135
150
165
2.25
0.3
60
SIL41A05(B)
1-Form-A
5
10
450
500
550
3.75
0.4
50
SIL41A12(B)
1-Form-A
12
16
900
1000
1100
8.6
1.5
144
SIL41A24(B)
1-Form-A
24
30
1800
2000
2200
17.5
2.5
288
SIL41B05(B)
1-Form-B
5
6
450
500
550
3.75
0.8
50
SIL41B12(B)
1-Form-B
12
14
900
1000
1100
9
1.5
144
SIL41B24(B)
1-Form-B
24
29
1800
2000
2200
18
2.5
288
DSS41A05
1-Form-A
5
10
450
500
550
3.75
0.8
50
DSS41A12
1-Form-A
12
16
900
1000
1100
8.6
1.5
144
DSS41A24
1-Form-A
24
30
1800
2000
2200
17.5
2.5
288
DSS41B05
1-Form-B
5
10
450
500
550
3.75
0.8
50
DSS41B12
1-Form-B
12
16
900
1000
1100
9
1
144
DSS41B24
1-Form-B
24
30
1935
2150
2365
18
2
268
MVS41A05(B)
1-Form-A
5
7
94.5
105
116
3.75
0.5
238
MVS41A12(B)
1-Form-A
12
15
450
500
550
9
1
288
MVS41A24(B)
1-Form-A
24
30
1935
2150
2365
18
2.0
268
MSS41A05
1-Form-A
5
10
126
140
154
3.75
0.5
179
MSS41A12
1-Form-A
12
16
450
500
550
9
1
288
MSS41A24
1-Form-A
24
30
1935
2150
2365
18
2
268
19.05 MAX.
(0.750)
SIL4/DSS4
5.08 MAX.
(0.200)
7
5
3
1
7.62 MAX.
(0.300)
Mold mark denotes pin 1 side
of relay
15.24
(0.600)
5.08
(0.200)
0.49
(0.019)
2.54 REF.
(0.100)
3.18
(0.125)
0.33
(0.013)
2.00 REF.
(0.080)
0.41 REF.
(0.016)
Top View
19.05 MAX.
(0.750)
MVS4/MSS4
6.70 MAX.
(0.264)
1
3
5
7
8.20 MAX.
(0.323)
15.24
(0.600)
5.08
(0.200)
0.49
(0.019)
3.20
± 0.25
(0.125
± 0.010)
0.33
(0.013)
Top View
SIL4/DSS4 Pinout
7
5
3
1
Top View
Form A
Form B
For Form B or diode options,
coil polarity (pin #3 positive)
must be observed.
7
5
3
1
Top View
DIMENSIONS
mm
(inches)
MVS4/MSS4 Pinout
1
3
5
7
Top View
* MVS4 only must be mounted
vertically with pin #1 up.
UP
*
SRC
DEVICES
4
www.srcdevices.com
USA 1-866-SRC-8668 Europe 32-89-328850
Far East 886-2-2698-8422
SIL4



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com