Electronic Components Datasheet Search
  English  ▼

X  

0802684 Datasheet(PDF) 1 Page - PHOENIX CONTACT

Part # 0802684
Description  Plastic label - EMLP (17,5X15)R
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT

0802684 Datasheet(HTML) 1 Page - PHOENIX CONTACT

  0802684 Datasheet HTML 1Page - PHOENIX CONTACT 0802684 Datasheet HTML 2Page - PHOENIX CONTACT 0802684 Datasheet HTML 3Page - PHOENIX CONTACT  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
https://www.phoenixcontact.com/us/products/0802684
04/22/2016   Page 1 / 3
Plastic label - EMLP (17,5X15)R - 0802684
Please be informed that the data shown in this PDF Document is generated from our Online Catalog. Please find the complete data in the user's
documentation. Our General Terms of Use for Downloads are valid
(http://phoenixcontact.com/download)
Plastic label, Roll, white, unlabeled, can be labeled with: THERMOMARK ROLL, THERMOMARK ROLL X1,
THERMOMARK X1.2, Mounting type: Adhesive, Lettering field: 17.5 x 15 mm
The figure shows a similar product
Product Features
■ Stick-on device marking
■ The self-adhesive markers are equivalent to engraved labels
■ High level of resistance to chemical and mechanical influences
■ Primarily used for marking electrical components, devices, and buttons
■ Quick and inexpensive marking with THERMOMARK ... printers
Key Commercial Data
Packing unit
1 pc
Custom tariff number
39199000
Country of origin
Germany
Technical data
Dimensions
Length (b)
17.5 mm
Width (a)
15 mm
Ambient conditions
Ambient temperature (operation)
-40 °C ... 120 °C
Recommended storage conditions
21 °C / 50 % relative humidity.
General
Color
white
Components
free from silicone and halogen
Material
Polyester
Wipe resistance
DIN EN 61010-1 (VDE 0411-1)
Number of individual labels
3000


Similar Part No. - 0802684

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
0802685 PHOENIX-0802685 Datasheet
187Kb / 5P
EMLP (17,5X15)R SR - Label
0802686 PHOENIX-0802686 Datasheet
47Kb / 3P
Plastic label - EMLP (EX15)R
0802687 PHOENIX-0802687 Datasheet
44Kb / 2P
Plastic label - EMLP (EX15)R SR
0802688 PHOENIX-0802688 Datasheet
47Kb / 3P
Plastic label - EMLP (EX30)R
0802689 PHOENIX-0802689 Datasheet
44Kb / 2P
Plastic label - EMLP (EX30)R SR
More results

Similar Description - 0802684

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
0801820 PHOENIX-0801820 Datasheet
48Kb / 3P
Plastic label - EMLP (45X15)R
0802686 PHOENIX-0802686 Datasheet
47Kb / 3P
Plastic label - EMLP (EX15)R
0802688 PHOENIX-0802688 Datasheet
47Kb / 3P
Plastic label - EMLP (EX30)R
0802727 PHOENIX-0802727 Datasheet
47Kb / 3P
Plastic label - EMLP (45X25)R
0802728 PHOENIX-0802728 Datasheet
47Kb / 3P
Plastic label - EMLP (65X25)R
0803277 PHOENIX-0803277 Datasheet
42Kb / 2P
Plastic label - EMLP (EX15)R BU
0803279 PHOENIX-0803279 Datasheet
42Kb / 2P
Plastic label - EMLP (EX15)R BK
0803280 PHOENIX-0803280 Datasheet
42Kb / 2P
Plastic label - EMLP (EX15)R RD
0830839 PHOENIX-0830839 Datasheet
58Kb / 3P
Plastic label - US-EMLP (17,5X15)
0819505 PHOENIX-0819505 Datasheet
58Kb / 3P
Plastic label - EMLP (60X30)R
09/11/2020
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com