Electronic Components Datasheet Search
  English  ▼

X  

0802697 Datasheet(PDF) 1 Page - PHOENIX CONTACT

Part # 0802697
Description  Label - EML (100X40)R SR
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT

0802697 Datasheet(HTML) 1 Page - PHOENIX CONTACT

  0802697 Datasheet HTML 1Page - PHOENIX CONTACT 0802697 Datasheet HTML 2Page - PHOENIX CONTACT 0802697 Datasheet HTML 3Page - PHOENIX CONTACT  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
https://www.phoenixcontact.com/us/products/0802697
04/22/2016   Page 1 / 3
Label - EML (100X40)R SR - 0802697
Please be informed that the data shown in this PDF Document is generated from our Online Catalog. Please find the complete data in the user's
documentation. Our General Terms of Use for Downloads are valid
(http://phoenixcontact.com/download)
Label, Roll, silver/matt, unlabeled, can be labeled with: THERMOMARK ROLL, THERMOMARK ROLL X1,
THERMOMARK X, THERMOMARK S1.1, Mounting type: Adhesive, Lettering field: 100 x 40 mm
The figure shows the EML (20X8)R
product variant
Key Commercial Data
Packing unit
1 pc
Weight per Piece (excluding packing)
360.0 g
Custom tariff number
39199000
Country of origin
Germany
Technical data
Dimensions
Length (b)
100 mm
Width (a)
40 mm
Ambient conditions
Ambient temperature (operation)
-40 °C ... 150 °C
Ambient temperature (assembly)
> 5 °C
Recommended storage conditions
22 °C / 50 % relative humidity
General
Color
silver/matt
Components
free from silicone and halogen
Material
Polyester
Polyester
Wipe resistance
DIN EN 61010-1 (VDE 0411-1)
DIN EN 61010-1 (VDE 0411-1)
Number of individual labels
300
Number of individual labels per row
1
RoHS compliant
Yes


Similar Part No. - 0802697

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
0802690 PHOENIX-0802690 Datasheet
195Kb / 7P
EMLP (17,5X15)R CUS - Label
0802691 PHOENIX-0802691 Datasheet
185Kb / 5P
EMLP (17,5X15)R SR CUS - Label
0802692 PHOENIX-0802692 Datasheet
189Kb / 7P
EMLP (EX15)R CUS - Label
0802694 PHOENIX-0802694 Datasheet
180Kb / 5P
EMLP (EX15)R SR CUS - Label
0802695 PHOENIX-0802695 Datasheet
190Kb / 7P
EMLP (EX30)R CUS - Label
More results

Similar Description - 0802697

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
0803187 PHOENIX-0803187 Datasheet
48Kb / 3P
Label - EML-RS (45,7X45,7)R SR
0830485 PHOENIX-0830485 Datasheet
54Kb / 4P
Label - EML (75X10)R
0801994 PHOENIX-0801994 Datasheet
50Kb / 4P
Label - EML (110XE)R SR
0803975 PHOENIX-0803975 Datasheet
52Kb / 2P
Label - MM-EML (EX12)R C1 SR/BK
0815596 PHOENIX-0815596 Datasheet
47Kb / 3P
Label - EML (110XE)R
0830483 PHOENIX-0830483 Datasheet
49Kb / 3P
Label - EML (50X10)R
0830612 PHOENIX-0830612 Datasheet
61Kb / 3P
Label for rough surfaces - EML-HA (19X6)R SR
1116113 PHOENIX-1116113 Datasheet
54Kb / 2P
Label - MM-EML (EX14)R C1 SR/BK
1054877 PHOENIX-1054877 Datasheet
54Kb / 2P
Label - EML-D (40X15)R SR
09/12/2020
1054879 PHOENIX-1054879 Datasheet
54Kb / 2P
Label - EML-D (60X30)R SR
09/12/2020
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com