Electronic Components Datasheet Search
  English  ▼

X  

0802937 Datasheet(PDF) 1 Page - PHOENIX CONTACT

Part # 0802937
Description  Device marker - US-EMSP (90X60) RD
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT

0802937 Datasheet(HTML) 1 Page - PHOENIX CONTACT

  0802937 Datasheet HTML 1Page - PHOENIX CONTACT 0802937 Datasheet HTML 2Page - PHOENIX CONTACT  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
https://www.phoenixcontact.com/pi/products/0802937
08/26/2019   Page 1 / 2
Device marker - US-EMSP (90X60) RD - 0802937
Please be informed that the data shown in this PDF Document is generated from our Online Catalog. Please find the complete data in the user's
documentation. Our General Terms of Use for Downloads are valid
(http://phoenixcontact.com/download)
Device marker, Card, red, unlabeled, can be labeled with: BLUEMARK ID COLOR, BLUEMARK ID,
THERMOMARK PRIME, THERMOMARK CARD 2.0, THERMOMARK CARD, mounting type: Screws, rivets,
lettering field size: 90 x 60 mm
The figure shows the US-EMSP
(75,6x54) version
Your advantages
 The markers, which are supplied in uniform sheets, can be labeled quickly, easily, and cost-effectively using the THERMOMARK CARD
 The US-EMSP ... UniSheet labeling range includes markers that can be attached using screws or rivets
 Labeling service: Phoenix Contact can custom-label all UniSheet markers according to your requirements
 The perforated markers are easy to separate and can be easily fitted
 The sheets provide space for including function texts
Key Commercial Data
Packing unit
10 pc
GTIN
GTIN
4046356881272
Technical data
Dimensions
Length (b)
60 mm
Width (a)
100 mm
Height (c)
0.5 mm
Hole diameter
3.20 mm
Ambient conditions
Ambient temperature (operation)
-30 °C ... 80 °C
Recommended storage conditions
23 °C/50 % relative humidity. Storage in a dry and dark place in the
original packaging is recommended.
General
Color
red


Similar Part No. - 0802937

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
0802990 PHOENIX-0802990 Datasheet
186Kb / 4P
TM-RIBBON 110-WMTB HF WH - Ink ribbon
0802991 PHOENIX-0802991 Datasheet
191Kb / 6P
WMTB HF (40X12)R DBU - Cable marker
0802992 PHOENIX-0802992 Datasheet
191Kb / 6P
WMTB HF (55X15)R DBU - Cable marker
0802993 PHOENIX-0802993 Datasheet
190Kb / 6P
WMTB HF (55X25)R DBU - Cable marker
0802995 PHOENIX-0802995 Datasheet
190Kb / 6P
WMTB HF (40X12)R DBU CUS - Cable marker
More results

Similar Description - 0802937

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
0830504 PHOENIX-0830504 Datasheet
45Kb / 3P
Equipment marking - EMSP-AL (90X60)
0830841 PHOENIX-0830841 Datasheet
54Kb / 2P
Plastic label - US-EMLP (85,6X54) RD
0817701 PHOENIX-0817701 Datasheet
48Kb / 3P
Marker for terminal blocks - UC-TM 12 RD
0824938 PHOENIX-0824938 Datasheet
56Kb / 2P
Zack marker strip - ZB 10/RD CUS
0824972 PHOENIX-0824972 Datasheet
56Kb / 2P
Zack marker strip - ZB 5/RD CUS
0824985 PHOENIX-0824985 Datasheet
50Kb / 2P
Zack marker strip - ZB 6/RD CUS
0825004 PHOENIX-0825004 Datasheet
56Kb / 2P
Zack marker strip - ZB 8/RD CUS
0830768 PHOENIX-0830768 Datasheet
52Kb / 2P
Marker for terminal blocks - US-TML (104X3,8)
0818409 PHOENIX-0818409 Datasheet
59Kb / 4P
Marker for terminal blocks - UC-TM 8 RD
09/11/2020
0818852 PHOENIX-0818852 Datasheet
61Kb / 4P
Conductor marker - UC-WMC 4,4 (15X5,5) RD
09/11/2020
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com