Electronic Components Datasheet Search
  English  ▼

X  

0803276 Datasheet(PDF) 1 Page - PHOENIX CONTACT

Part # 0803276
Description  Plastic label - EMLP (EX15)R YE
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT

0803276 Datasheet(HTML) 1 Page - PHOENIX CONTACT

  0803276 Datasheet HTML 1Page - PHOENIX CONTACT 0803276 Datasheet HTML 2Page - PHOENIX CONTACT  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
https://www.phoenixcontact.com/us/products/0803276
04/22/2016   Page 1 / 2
Plastic label - EMLP (EX15)R YE - 0803276
Please be informed that the data shown in this PDF Document is generated from our Online Catalog. Please find the complete data in the user's
documentation. Our General Terms of Use for Downloads are valid
(http://phoenixcontact.com/download)
Plastic label, Roll, yellow, unlabeled, can be labeled with: THERMOMARK ROLL, THERMOMARK ROLL X1,
THERMOMARK X1.2, Mounting type: Adhesive, Lettering field: 20000 x 15 mm
Product Features
■ Stick-on device marking
■ The self-adhesive markers are equivalent to engraved labels
■ High level of resistance to chemical and mechanical influences
■ Primarily used for marking electrical components, devices, and buttons
■ Quick and inexpensive marking with THERMOMARK ... printers
Key Commercial Data
Packing unit
1 pc
Custom tariff number
39199000
Country of origin
Germany
Technical data
Dimensions
Length (b)
20 m
Width (a)
15 mm
Ambient conditions
Ambient temperature (operation)
-40 °C ... 120 °C
General
Color
yellow
Components
free from silicone and halogen
Material
Polyester
Wipe resistance
DIN EN 61010-1 (VDE 0411-1)
Number of individual labels
1
Number of individual labels per row
1
Marking mounting type
Adhesive
Standards and Regulations
Wipe resistance
DIN EN 61010-1 (VDE 0411-1)


Similar Part No. - 0803276

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
0803270 PHOENIX-0803270 Datasheet
182Kb / 5P
EML-EX (100X90)R CUS - Label
0803275 PHOENIX-0803275 Datasheet
59Kb / 3P
A wide range of marker sizes and colors are available for custom designs
0803277 PHOENIX-0803277 Datasheet
42Kb / 2P
Plastic label - EMLP (EX15)R BU
0803279 PHOENIX-0803279 Datasheet
42Kb / 2P
Plastic label - EMLP (EX15)R BK
More results

Similar Description - 0803276

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
0802686 PHOENIX-0802686 Datasheet
47Kb / 3P
Plastic label - EMLP (EX15)R
0802687 PHOENIX-0802687 Datasheet
44Kb / 2P
Plastic label - EMLP (EX15)R SR
0803277 PHOENIX-0803277 Datasheet
42Kb / 2P
Plastic label - EMLP (EX15)R BU
0803279 PHOENIX-0803279 Datasheet
42Kb / 2P
Plastic label - EMLP (EX15)R BK
0803280 PHOENIX-0803280 Datasheet
42Kb / 2P
Plastic label - EMLP (EX15)R RD
0822615 PHOENIX-0822615 Datasheet
56Kb / 3P
Plastic label - UC-EMLP (15X5) YE
0825470 PHOENIX-0825470 Datasheet
49Kb / 3P
Plastic label - UC-EMLP (27X12,5) YE
0825476 PHOENIX-0825476 Datasheet
57Kb / 3P
Plastic label - UC-EMLP (27X18) YE
0822628 PHOENIX-0822628 Datasheet
60Kb / 4P
Plastic label - UC-EMLP (17X9) YE
09/11/2020
0822657 PHOENIX-0822657 Datasheet
59Kb / 4P
Plastic label - UC-EMLP (60X30) YE
09/11/2020
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com