Electronic Components Datasheet Search
  English  ▼

X  

0803830 Datasheet(PDF) 1 Page - PHOENIX CONTACT

Part # 0803830
Description  Label - US-EMLF (16,5X5) YE
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT

0803830 Datasheet(HTML) 1 Page - PHOENIX CONTACT

  0803830 Datasheet HTML 1Page - PHOENIX CONTACT 0803830 Datasheet HTML 2Page - PHOENIX CONTACT  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
https://www.phoenixcontact.com/pi/products/0803830
08/26/2019   Page 1 / 2
Label - US-EMLF (16,5X5) YE - 0803830
Please be informed that the data shown in this PDF Document is generated from our Online Catalog. Please find the complete data in the user's
documentation. Our General Terms of Use for Downloads are valid
(http://phoenixcontact.com/download)
Label, Card, yellow, unlabeled, can be labeled with: BLUEMARK ID COLOR, BLUEMARK ID,
THERMOMARK PRIME, THERMOMARK CARD 2.0, THERMOMARK CARD, mounting type: adhesive,
lettering field size: 16.5 x 5 mm
Key Commercial Data
Packing unit
10 pc
Minimum order quantity
10 pc
GTIN
GTIN
4055626172620
Technical data
Dimensions
Length (b)
5 mm
Width (a)
16.5 mm
Ambient conditions
Ambient temperature (operation)
-40 °C ... 90 °C
Recommended storage conditions
23 °C/50 % relative humidity. Storage in a dry and dark place in the
original packaging is recommended.
General
Color
yellow
Components
Silicone-free
Material
PVC
RoHS compliant
Yes
Wipe resistance
DIN EN 61010-1 (VDE 0411-1)
Number of individual labels
130
Number of individual labels per row
5
Foil strength
50 µm
Marking mounting type
adhesive


Similar Part No. - 0803830

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
0803832 PHOENIX-0803832 Datasheet
52Kb / 2P
Label - US-EMLF (15X6) YE
0803834 PHOENIX-0803834 Datasheet
52Kb / 2P
Label - US-EMLF (16X7) YE
0803836 PHOENIX-0803836 Datasheet
52Kb / 2P
Label - US-EMLF (17,5X8) YE
More results

Similar Description - 0803830

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
0803815 PHOENIX-0803815 Datasheet
52Kb / 2P
Label - US-EML (16,5X5) YE
0803828 PHOENIX-0803828 Datasheet
52Kb / 2P
Label - US-EMLF (15X9) YE
0803832 PHOENIX-0803832 Datasheet
52Kb / 2P
Label - US-EMLF (15X6) YE
0803834 PHOENIX-0803834 Datasheet
52Kb / 2P
Label - US-EMLF (16X7) YE
0803836 PHOENIX-0803836 Datasheet
52Kb / 2P
Label - US-EMLF (17,5X8) YE
0803842 PHOENIX-0803842 Datasheet
52Kb / 2P
Label - US-EMLF (20X8) YE
0803845 PHOENIX-0803845 Datasheet
52Kb / 2P
Label - US-EMLF (D39)
1014292 PHOENIX-1014292 Datasheet
50Kb / 4P
Plastic label - US-EMLF (104X140) YE
1014294 PHOENIX-1014294 Datasheet
50Kb / 4P
Plastic label - US-EMLF (104X70)
1014295 PHOENIX-1014295 Datasheet
50Kb / 4P
Plastic label - US-EMLF (104X70) YE
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com