Electronic Components Datasheet Search
  English  ▼

X  

MBD101 Datasheet(PDF) 1 Page - ON Semiconductor

Part # MBD101
Description  SILICON SCHOTTKY BARRIER DIODES
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

MBD101 Datasheet(HTML) 1 Page - ON Semiconductor

  MBD101 Datasheet HTML 1Page - ON Semiconductor MBD101 Datasheet HTML 2Page - ON Semiconductor MBD101 Datasheet HTML 3Page - ON Semiconductor MBD101 Datasheet HTML 4Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
1
Motorola Small–Signal Transistors, FETs and Diodes Device Data
Schottky Barrier Diodes
Designed primarily for UHF mixer applications but suitable also for use in detector
and ultra–fast switching circuits. Supplied in an inexpensive plastic package for
low–cost, high–volume consumer requirements. Also available in Surface Mount
package.
• Low Noise Figure — 6.0 dB Typ @ 1.0 GHz
• Very Low Capacitance — Less Than 1.0 pF @ Zero Volts
• High Forward Conductance — 0.5 Volts (Typ) @ IF = 10 mA
MAXIMUM RATINGS
MBD101
MMBD101LT1
Rating
Symbol
Value
Unit
Reverse Voltage
VR
7.0
Volts
Forward Power Dissipation
@ TA = 25°C
Derate above 25
°C
PF
280
2.2
225
1.8
mW
mW/
°C
Junction Temperature
TJ
+150
°C
Storage Temperature Range
Tstg
– 55 to +150
°C
DEVICE MARKING
MMBD101LT1 = 4M
ELECTRICAL CHARACTERISTICS (TA = 25°C unless otherwise noted)
Characteristic
Symbol
Min
Typ
Max
Unit
Reverse Breakdown Voltage
(IR = 10 µAdc)
V(BR)R
7.0
10
—
Volts
Diode Capacitance
(VR = 0, f = 1.0 MHz, Note 1)
CT
—
0.88
1.0
pF
Forward Voltage(1)
(IF = 10 mAdc)
VF
—
0.5
0.6
Volts
Reverse Leakage
(VR = 3.0 Vdc)
IR
—
0.02
0.25
µAdc
NOTE: MMBD101LT1 is also available in bulk packaging. Use MMBD101L as the device title to order this device in bulk.
Preferred devices are Motorola recommended choices for future use and best overall value.
Thermal Clad is a registered trademark of the Berquist Company.
Order this document
by MBD101/D
MOTOROLA
SEMICONDUCTOR TECHNICAL DATA
MBD101
MMBD101LT1
Motorola Preferred Devices
CASE 182– 02, STYLE 1
(TO–226AC)
CASE 318 – 08, STYLE 8
SOT– 23 (TO – 236AB)
1
2
3
1
2
SILICON SCHOTTKY
BARRIER DIODES
© Motorola, Inc. 1997
3
CATHODE
1
ANODE
2
CATHODE
1
ANODE


Similar Part No. - MBD101

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
MBD101 ONSEMI-MBD101 Datasheet
65Kb / 4P
Schottky Barrier Diodes
March, 2007 ??Rev. 3
MBD101G ONSEMI-MBD101G Datasheet
65Kb / 4P
Schottky Barrier Diodes
March, 2007 ??Rev. 3
MBD101G ONSEMI-MBD101G Datasheet
96Kb / 4P
Schottky Barrier Diodes
October, 2016 ??Rev. 4
MBD101 ONSEMI-MBD101_07 Datasheet
65Kb / 4P
Schottky Barrier Diodes
March, 2007 ??Rev. 3
More results

Similar Description - MBD101

ManufacturerPart #DatasheetDescription
logo
Hi-Sincerity Mocroelect...
HBAT54X HSMC-HBAT54X Datasheet
35Kb / 4P
Silicon Schottky Barrier Double Diodes
logo
SEMTECH ELECTRONICS LTD...
MCL101A SEMTECH_ELEC-MCL101A Datasheet
174Kb / 2P
SILICON SCHOTTKY BARRIER DIODES
SD101A SEMTECH_ELEC-SD101A Datasheet
123Kb / 2P
SILICON SCHOTTKY BARRIER DIODES
MCL103A SEMTECH_ELEC-MCL103A Datasheet
190Kb / 2P
SILICON SCHOTTKY BARRIER DIODES
BAS81 SEMTECH_ELEC-BAS81 Datasheet
185Kb / 3P
SILICON SCHOTTKY BARRIER DIODES
LL101A SEMTECH_ELEC-LL101A Datasheet
171Kb / 3P
SILICON SCHOTTKY BARRIER DIODES
LL103A SEMTECH_ELEC-LL103A Datasheet
203Kb / 4P
SILICON SCHOTTKY BARRIER DIODES
SD103A SEMTECH_ELEC-SD103A Datasheet
121Kb / 2P
SILICON SCHOTTKY BARRIER DIODES
logo
M/A-COM Technology Solu...
MA4E1339 MA-COM-MA4E1339 Datasheet
115Kb / 7P
Silicon Medium Barrier Schottky Diodes
logo
Rectron Semiconductor
RB521S-40 RECTRON-RB521S-40 Datasheet
128Kb / 2P
SILICON EXPITAXIAL SCHOTTKY BARRIER DIODES
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com