Electronic Components Datasheet Search
  English  ▼

X  

HDAS-8GE Datasheet(PDF) 1 Page - DATEL, Inc.

Part # HDAS-8GE
Description  Multi-Channel Complete Data Acquisition
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DATEL [DATEL, Inc.]
Direct Link  http://www.datel.com/
Logo DATEL - DATEL, Inc.

HDAS-8GE Datasheet(HTML) 1 Page - DATEL, Inc.

  HDAS-8GE Datasheet HTML 1Page - DATEL, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Part Number HDAS-8GE, Multi-Channel Complete Data Acquisition
Specifications
Resolution
12 Bit
Number of Channels
8
Sampling Rate
0.05 MHz
Power Consumption
1.25 W
Differential Non-Linearity Error/Other
0.75 LSB
Integral Non-Linearity Error/Other
0.75 LSB
Package Type
SMT
Input Range 1st (min)
0.05 V
Input Range 1st (max)
10 V
Required Supply Voltage 1st
5 V
Required Supply Voltage 3rd
15 V
Required Supply Voltage 4th
-15 V
Operating Temp. Range (min)
-40 ºC
Operating Temp. Range (max)
+100 ºC
RoHS
No
Status
Recommended for new design
The HDAS-16 is a complete, high-performance, 12 Bit data acq. system in a 62-pin package. Each HDAS
may be expanded up to 32 single-ended or 16 diff. channels by adding external mux. -40°C to +100°C
temperature range.
DATEL Innovation & Excellence
DATEL | 120 Forbes Blvd., Suite 125 Mansfield, MA 02048 | Phone: +1-508-964-5131 | www.datel.com
© DATEL is a registered trademark of DATEL, Inc.
8/26/2019 | Page 1 of 1


Similar Part No. - HDAS-8GE

ManufacturerPart #DatasheetDescription
logo
DATEL, Inc.
HDAS-8GE-C DATEL-HDAS-8GE-C Datasheet
103Kb / 1P
Multi-Channel Complete Data Acquisition
More results

Similar Description - HDAS-8GE

ManufacturerPart #DatasheetDescription
logo
DATEL, Inc.
HDAS-16G883 DATEL-HDAS-16G883 Datasheet
103Kb / 1P
Multi-Channel Complete Data Acquisition
HDAS-16GC-C DATEL-HDAS-16GC-C Datasheet
103Kb / 1P
Multi-Channel Complete Data Acquisition
HDAS-16MC DATEL-HDAS-16MC Datasheet
102Kb / 1P
Multi-Channel Complete Data Acquisition
HDAS-16MM-C DATEL-HDAS-16MM-C Datasheet
103Kb / 1P
Multi-Channel Complete Data Acquisition
HDAS-16MM-QL DATEL-HDAS-16MM-QL Datasheet
104Kb / 1P
Multi-Channel Complete Data Acquisition
HDAS-524MC-C DATEL-HDAS-524MC-C Datasheet
104Kb / 1P
Multi-Channel Complete Data Acquisition
HDAS-8G883-C DATEL-HDAS-8G883-C Datasheet
103Kb / 1P
Multi-Channel Complete Data Acquisition
HDAS-8GC-C DATEL-HDAS-8GC-C Datasheet
103Kb / 1P
Multi-Channel Complete Data Acquisition
HDAS-8MC-C DATEL-HDAS-8MC-C Datasheet
103Kb / 1P
Multi-Channel Complete Data Acquisition
HDAS-16ME DATEL-HDAS-16ME Datasheet
103Kb / 1P
Multi-Channel Complete Data Acquisition
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com