Electronic Components Datasheet Search
  English  ▼

X  

0803845 Datasheet(PDF) 1 Page - PHOENIX CONTACT

Part # 0803845
Description  Label - US-EMLF (D39)
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT

0803845 Datasheet(HTML) 1 Page - PHOENIX CONTACT

  0803845 Datasheet HTML 1Page - PHOENIX CONTACT 0803845 Datasheet HTML 2Page - PHOENIX CONTACT  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
https://www.phoenixcontact.com/pi/products/0803845
08/26/2019   Page 1 / 2
Label - US-EMLF (D39) - 0803845
Please be informed that the data shown in this PDF Document is generated from our Online Catalog. Please find the complete data in the user's
documentation. Our General Terms of Use for Downloads are valid
(http://phoenixcontact.com/download)
Label, for circuit marking, Card, white, unlabeled, can be labeled with: BLUEMARK ID COLOR,
BLUEMARK ID, THERMOMARK PRIME, THERMOMARK CARD 2.0, THERMOMARK CARD, mounting type:
adhesive, diameter: 39 mm, lettering field size: Φ 39 mm
Key Commercial Data
Packing unit
10 pc
Minimum order quantity
10 pc
GTIN
GTIN
4055626172750
Technical data
Dimensions
Length (b)
0 mm
Width (a)
39 mm
Diameter
39.00 mm
Ambient conditions
Ambient temperature (operation)
-40 °C ... 90 °C
Recommended storage conditions
23 °C/50 % relative humidity. Storage in a dry and dark place in the
original packaging is recommended.
General
Color
white
Components
Silicone-free
Material
PVC
RoHS compliant
Yes
Wipe resistance
DIN EN 61010-1 (VDE 0411-1)
Number of individual labels
6
Number of individual labels per row
2
Foil strength
50 µm


Similar Part No. - 0803845

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
0803841 PHOENIX-0803841 Datasheet
130Kb / 11P
Computer Marking System Engraving System CMS-GRAV
0803842 PHOENIX-0803842 Datasheet
52Kb / 2P
Label - US-EMLF (20X8) YE
0803847 PHOENIX-0803847 Datasheet
50Kb / 2P
Insert label - US-EMT (103X17) TQ
0803848 PHOENIX-0803848 Datasheet
50Kb / 2P
Insert label - US-EMT (31X12,5)
0803849 PHOENIX-0803849 Datasheet
50Kb / 2P
Insert label - US-EMT (31X12,5) YE
More results

Similar Description - 0803845

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
0803822 PHOENIX-0803822 Datasheet
52Kb / 2P
Label - US-EML (D39)
0803828 PHOENIX-0803828 Datasheet
52Kb / 2P
Label - US-EMLF (15X9) YE
0803830 PHOENIX-0803830 Datasheet
52Kb / 2P
Label - US-EMLF (16,5X5) YE
0803832 PHOENIX-0803832 Datasheet
52Kb / 2P
Label - US-EMLF (15X6) YE
0803834 PHOENIX-0803834 Datasheet
52Kb / 2P
Label - US-EMLF (16X7) YE
0803836 PHOENIX-0803836 Datasheet
52Kb / 2P
Label - US-EMLF (17,5X8) YE
0803842 PHOENIX-0803842 Datasheet
52Kb / 2P
Label - US-EMLF (20X8) YE
1014291 PHOENIX-1014291 Datasheet
50Kb / 4P
Plastic label - US-EMLF (104X140)
1014293 PHOENIX-1014293 Datasheet
50Kb / 4P
Plastic label - US-EMLF (104X140) BU
1014294 PHOENIX-1014294 Datasheet
50Kb / 4P
Plastic label - US-EMLF (104X70)
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com