Electronic Components Datasheet Search
  English  ▼

X  

0803853 Datasheet(PDF) 1 Page - PHOENIX CONTACT

Part # 0803853
Description  Insert label - US-EMT (50/28X13)
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT

0803853 Datasheet(HTML) 1 Page - PHOENIX CONTACT

  0803853 Datasheet HTML 1Page - PHOENIX CONTACT 0803853 Datasheet HTML 2Page - PHOENIX CONTACT  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
https://www.phoenixcontact.com/pi/products/0803853
08/26/2019   Page 1 / 2
Insert label - US-EMT (50/28X13) - 0803853
Please be informed that the data shown in this PDF Document is generated from our Online Catalog. Please find the complete data in the user's
documentation. Our General Terms of Use for Downloads are valid
(http://phoenixcontact.com/download)
Snap-in markers, insert label, for marking Siemens ET 200S controllers, card, white, unmarked, can be
marked with: THERMOMARK CARD, mounting type: snapped into marker carrier, lettering field size: 1 of 50 x
13 mm and 1 of 28 x 13 mm
Key Commercial Data
Packing unit
10 pc
Minimum order quantity
10 pc
GTIN
GTIN
4055626172880
Technical data
Dimensions
Length (b)
13 mm
Width (a)
78 mm
Ambient conditions
Ambient temperature (operation)
-40 °C ... 120 °C
General
Color
white
Components
free from silicone and halogen
Material
Polyester
Wipe resistance
DIN EN 61010-1 (VDE 0411-1)
Number of individual labels
10
Number of individual labels per row
2
Marking mounting type
snapped into marker carrier
Standards and Regulations
Wipe resistance
DIN EN 61010-1 (VDE 0411-1)


Similar Part No. - 0803853

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
0803850 PHOENIX-0803850 Datasheet
51Kb / 2P
Insert label - US-EMT (31X12,5) GY
0803851 PHOENIX-0803851 Datasheet
50Kb / 2P
Insert label - US-EMT (50X26)
0803852 PHOENIX-0803852 Datasheet
50Kb / 2P
Insert label - US-EMT (50X26) TQ
0803854 PHOENIX-0803854 Datasheet
130Kb / 11P
Computer Marking System Engraving System CMS-GRAV
0803855 PHOENIX-0803855 Datasheet
50Kb / 2P
Insert label - US-EMT (50/28X13) TQ
More results

Similar Description - 0803853

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
0803847 PHOENIX-0803847 Datasheet
50Kb / 2P
Insert label - US-EMT (103X17) TQ
0803848 PHOENIX-0803848 Datasheet
50Kb / 2P
Insert label - US-EMT (31X12,5)
0803850 PHOENIX-0803850 Datasheet
51Kb / 2P
Insert label - US-EMT (31X12,5) GY
0803851 PHOENIX-0803851 Datasheet
50Kb / 2P
Insert label - US-EMT (50X26)
0803852 PHOENIX-0803852 Datasheet
50Kb / 2P
Insert label - US-EMT (50X26) TQ
0803855 PHOENIX-0803855 Datasheet
50Kb / 2P
Insert label - US-EMT (50/28X13) TQ
0803856 PHOENIX-0803856 Datasheet
50Kb / 2P
Insert label - US-EMT (103X23)
0803858 PHOENIX-0803858 Datasheet
50Kb / 2P
Insert label - US-EMT (23X109)
0803859 PHOENIX-0803859 Datasheet
50Kb / 2P
Insert label - US-EMT (23X109) YE
0803862 PHOENIX-0803862 Datasheet
50Kb / 2P
Insert label - US-EMT (13X109)
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com