Electronic Components Datasheet Search
  English  ▼

X  

RS2122AS Datasheet(PDF) 1 Page - Princeton Technology Corp

Part # RS2122AS
Description  High Precision CC/CV PSR PWM Switch
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PTC [Princeton Technology Corp]
Direct Link  http://www.princeton.com.tw
Logo PTC - Princeton Technology Corp

RS2122AS Datasheet(HTML) 1 Page - Princeton Technology Corp

  RS2122AS Datasheet HTML 1Page - Princeton Technology Corp RS2122AS Datasheet HTML 2Page - Princeton Technology Corp RS2122AS Datasheet HTML 3Page - Princeton Technology Corp RS2122AS Datasheet HTML 4Page - Princeton Technology Corp  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
RS2122A
High Precision CC/CV PSR PWM Switch
Tel: 886-2-66296288
‧Fax: 886-2-29174598‧ http://www.princeton.com.tw‧2F, No. 233-1, Baociao Rd., Sindian Dist., New Taipei City 23145, Taiwan
DESCRIPTION
RS2122A is a high performance offline PSR controller
for
low
power
AC/DC
charger
and
adapter
applications. It operates in primary-side sensing and
regulation, so opto-coupler and TL431 could be
eliminated. In CC control, the current and output
power setting can be adjusted externally by the sense
resistor RS at CS pin. In CV control, PFM operations
are utilized to achieve high performance and high
efficiency. In addition, good load regulation is
achieved by the built-in cable drop compensation.
The chip consumes very low operation current (typical
650μA), it can achieve less than 30mW standby
power to meet strict standby power standard.
RS2122A offers comprehensive protection coverage
with auto-recovery features including Cycle-by-Cycle
current
limiting,
VDD
over
voltage
protection,
feedback loop open protection, CS open protection,
Output short circuit protection, built-in leading edge
blanking, VDD under voltage lockout (UVLO), Over
temperature protection, etc. RS2122A is offered in
SOP-7L package.
APPLICATIONS
 Switching AC/DC Small Power Adaptor
 Cell Phone or Digital Cameras Charger
 Auxiliary Power for PC, TV etc
 Linear Regulator/RCC Replacement
FEATURES
 Low startup current
 ±4% CC and ±5% CV Precision
 Primary-side Sensing and Regulation Without TL431
and Opto-coupler
 High precision constant voltage and current regulation
at universal AC input
 Programmable CV and CC Regulation
 Built-in Primary winding inductance compensation
 Programmable Cable Drop Compensation
 Built-in Feedback Loop Open Protection
 Built-in CS Open Protection
 VDD Over Voltage Protection
 Built-in Output Short Circuit Protection
 Built-in Leading Edge Blanking (LEB)
 Over temperature protection(OTP)
 Cycle-by-Cycle Current Limiting
 VDD Under Voltage Lockout with Hysteresis (UVLO)
 SOP-7L green Packaging
BLOCK DIAGRAM
VDD
VDD OVP
Output OVP
CC Control
DEM
Drop comp
FB
FB Short
Protection
Output Short
Protection
Sample
Compensation
Network
CV Control
PWM Model
PFM Model
2V
Soft Start
LEB
CS
0.5V
CS Floating
Protection
R
S
Q
BJT Base
Driver
LD
LOGIC
POR
GND


Similar Part No. - RS2122AS

ManufacturerPart #DatasheetDescription
logo
Synology Inc.
RS212 SYNOLOGY-RS212 Datasheet
640Kb / 2P
Synology RackStation RS212
More results

Similar Description - RS2122AS

ManufacturerPart #DatasheetDescription
logo
Orister Corporation
RS2138 ORISTER-RS2138 Datasheet
519Kb / 10P
High Precision CC/CV Primary?륲ide PWM Power Switch
logo
Unisonic Technologies
UCS3654 UTC-UCS3654 Datasheet
217Kb / 9P
HIGH PRECISION CC/CV PRIMARY-SIDE PWM POWER SWITCH
USRB02 UTC-USRB02 Datasheet
224Kb / 7P
HIGH PRECISION CC/CV PRIMARY-SIDE PWM POWER SWITCH
UCS3654 UTC-UCS3654_16 Datasheet
226Kb / 9P
HIGH PRECISION CC/CV PRIMARY-SIDE PWM POWER SWITCH
UCSR3651S UTC-UCSR3651S_16 Datasheet
247Kb / 9P
HIGH PRECISION CC/CV PRIMARY-SIDE PWM POWER SWITCH
USR3651S UTC-USR3651S_18 Datasheet
261Kb / 9P
HIGH PRECISION CC/CV PRIMARY-SIDE PWM POWER SWITCH
USR3651 UTC-USR3651 Datasheet
242Kb / 8P
HIGH PRECISION CC/CV PRIMARY-SIDE PWM POWER SWITCH
logo
Princeton Technology Co...
RS2138A PTC-RS2138A Datasheet
70Kb / 4P
High Precision CC/CV PSR PWM Switch
logo
Shenzhen Developer Micr...
DP2525F DEPUW-DP2525F Datasheet
1Mb / 11P
Quasi-Resonant PSR CC/CV PWM Power Switch
Rev.1.1
logo
SHENZHEN CHENGXINWEI TE...
CX7501 CXW-CX7501 Datasheet
2Mb / 10P
Quasi-Resonant PSR CC/CV PWM Power Switch
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com