Electronic Components Datasheet Search
  English  ▼

X  

0803971 Datasheet(PDF) 1 Page - PHOENIX CONTACT

Part # 0803971
Description  Label - MM-EML (EX12)R C1 WH/BK
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT

0803971 Datasheet(HTML) 1 Page - PHOENIX CONTACT

  0803971 Datasheet HTML 1Page - PHOENIX CONTACT 0803971 Datasheet HTML 2Page - PHOENIX CONTACT  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
https://www.phoenixcontact.com/pi/products/0803971
08/26/2019   Page 1 / 2
Label - MM-EML (EX12)R C1 WH/BK - 0803971
Please be informed that the data shown in this PDF Document is generated from our Online Catalog. Please find the complete data in the user's
documentation. Our General Terms of Use for Downloads are valid
(http://phoenixcontact.com/download)
Label, continuous, cassette, white with black imprint, mounting type: adhesive, can be marked with
THERMOFOX
Product Description
The MM-EML... polyamide self-adhesive labels are available as continuous media for equipment marking.
Key Commercial Data
Packing unit
1 pc
GTIN
GTIN
4055626212470
Technical data
Dimensions
Length (b)
8000 mm
Width (a)
12 mm
Ambient conditions
Ambient temperature (operation)
-40 °C ... 149 °C
General
Color
white
Components
free from silicone, halogen, and cadmium
Material
Polyester
RoHS compliant
Yes
Wipe resistance
DIN EN 61010-1 (VDE 0411-1)
Adhesive
Acrylic
Printability
Thermal transfer
Device
0803984 THERMOFOX
Marking mounting type
adhesive


Similar Part No. - 0803971

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
0803971 PHOENIX-0803971 Datasheet
305Kb / 25P
Thermal transfer printer set - THERMOMARK GO SET
More results

Similar Description - 0803971

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
0803937 PHOENIX-0803937 Datasheet
53Kb / 2P
Label, highly flexible - MM-EMLF (EX10)R C1 WH/BK
0803939 PHOENIX-0803939 Datasheet
52Kb / 2P
Label, highly flexible - MM-EMLF (EX18)R C1 WH/BK
0803940 PHOENIX-0803940 Datasheet
52Kb / 2P
Label, highly flexible - MM-EMLF (EX24)R C1 WH/BK
0803942 PHOENIX-0803942 Datasheet
53Kb / 2P
Label, highly flexible - MM-EMLF (EX12)R C1 YE/BK
0803973 PHOENIX-0803973 Datasheet
52Kb / 2P
Label - MM-EML (EX24)R C1 WH/BK
0803975 PHOENIX-0803975 Datasheet
52Kb / 2P
Label - MM-EML (EX12)R C1 SR/BK
0803983 PHOENIX-0803983 Datasheet
51Kb / 2P
Label - MM-TMT (EX9,5)R C1 WH/BK
1116052 PHOENIX-1116052 Datasheet
55Kb / 2P
Label - MM-EML (EX10)R C1 YE/BK
1116113 PHOENIX-1116113 Datasheet
54Kb / 2P
Label - MM-EML (EX14)R C1 SR/BK
1116114 PHOENIX-1116114 Datasheet
55Kb / 2P
Label - MM-EML (EX18)R C1 YE/BK
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com