Electronic Components Datasheet Search
  English  ▼

X  

0803983 Datasheet(PDF) 1 Page - PHOENIX CONTACT

Part # 0803983
Description  Label - MM-TMT (EX9,5)R C1 WH/BK
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT

0803983 Datasheet(HTML) 1 Page - PHOENIX CONTACT

  0803983 Datasheet HTML 1Page - PHOENIX CONTACT 0803983 Datasheet HTML 2Page - PHOENIX CONTACT  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
https://www.phoenixcontact.com/pi/products/0803983
08/26/2019   Page 1 / 2
Label - MM-TMT (EX9,5)R C1 WH/BK - 0803983
Please be informed that the data shown in this PDF Document is generated from our Online Catalog. Please find the complete data in the user's
documentation. Our General Terms of Use for Downloads are valid
(http://phoenixcontact.com/download)
Label, continuous, cassette, white with black imprint, mounting type: snap-on, can be marked with
THERMOFOX
Key Commercial Data
Packing unit
1 pc
GTIN
GTIN
4055626212579
Technical data
Dimensions
Length (b)
5.5 m
Width (a)
9.5 mm
Ambient conditions
Ambient temperature (operation)
-5 °C ... 49 °C
General
Color
white
Type
flat
Components
free from silicone, halogen, and cadmium
Material
Polyester
Wipe resistance
DIN EN 61010-1 (VDE 0411-1)
Marking mounting type
snap into universal marker groove
Standards and Regulations
Wipe resistance
DIN EN 61010-1 (VDE 0411-1)
Environmental Product Compliance
China RoHS
Environmentally friendly use period: unlimited = EFUP-e


Similar Part No. - 0803983

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
0803980 PHOENIX-0803980 Datasheet
188Kb / 5P
PKE 9X20 - Marker sheet
0803988 PHOENIX-0803988 Datasheet
188Kb / 5P
LS-EMSP-AL (78X18) BK - Device marker
More results

Similar Description - 0803983

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
0803937 PHOENIX-0803937 Datasheet
53Kb / 2P
Label, highly flexible - MM-EMLF (EX10)R C1 WH/BK
0803939 PHOENIX-0803939 Datasheet
52Kb / 2P
Label, highly flexible - MM-EMLF (EX18)R C1 WH/BK
0803940 PHOENIX-0803940 Datasheet
52Kb / 2P
Label, highly flexible - MM-EMLF (EX24)R C1 WH/BK
0803958 PHOENIX-0803958 Datasheet
53Kb / 2P
Label, highly flexible - MM-EMLF (EX24)R C1 OG/BK
0803971 PHOENIX-0803971 Datasheet
52Kb / 2P
Label - MM-EML (EX12)R C1 WH/BK
0803973 PHOENIX-0803973 Datasheet
52Kb / 2P
Label - MM-EML (EX24)R C1 WH/BK
0803975 PHOENIX-0803975 Datasheet
52Kb / 2P
Label - MM-EML (EX12)R C1 SR/BK
1116052 PHOENIX-1116052 Datasheet
55Kb / 2P
Label - MM-EML (EX10)R C1 YE/BK
1116113 PHOENIX-1116113 Datasheet
54Kb / 2P
Label - MM-EML (EX14)R C1 SR/BK
1116114 PHOENIX-1116114 Datasheet
55Kb / 2P
Label - MM-EML (EX18)R C1 YE/BK
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com