Electronic Components Datasheet Search
  English  ▼

X  

0807009 Datasheet(PDF) 1 Page - PHOENIX CONTACT

Part # 0807009
Description  Engraving material - GPE 45X14 SR/R
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT

0807009 Datasheet(HTML) 1 Page - PHOENIX CONTACT

  0807009 Datasheet HTML 1Page - PHOENIX CONTACT 0807009 Datasheet HTML 2Page - PHOENIX CONTACT 0807009 Datasheet HTML 3Page - PHOENIX CONTACT  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
https://www.phoenixcontact.com/us/produkte/0807009
18.05.2012   Page 1 / 3
Engraving material - GPE 45X14 SR/R - 0807009
Please be informed that the data shown in this PDF Document is generated from our Online Catalog. Please find the complete data in
the user's documentation. Our General Terms of Use for Downloads are valid
(http://download.phoenixcontact.com)
Engraving material, Sheet, silver, Unlabeled, Can be labeled with: Gravur, Plotter, Mounting type:
Adhesive, Lettering field: 45 x 14 mm
The figure shows the version
GPE 27x12,5 SR/R
Why buy this product
 Can be engraved using the P1 ENGRAVING UNIT
 Can be labeled easily using the CMS‑P1‑PLOTTER
 Two-layer material
 The adhesive foil used ensures good adhesive properties, even on uneven surfaces
 Labeling service: Phoenix Contact can custom-label all GPE ... markers according to your requirements
 The label sheet consists of prefabricated, individual self-adhesive labels
 
Key commercial data
Packing unit
1
Minimum order quantity
10
Catalog page
Page 226 (CL2-2011)
GTIN
Weight per Piece (excluding packing)
18.96 GRM
Country of origin
GERMANY
Technical data
General
Note
Can be labeled with CMS
Height
14 mm
Width (a)
45 mm
Color
silver
Ambient temperature (operation)
-20 °C ... 85 °C
Components
free from silicone and halogen
Material
TRANSPLY-ABS
Number of individual labels
26


Similar Part No. - 0807009

ManufacturerPart #DatasheetDescription
logo
Littelfuse
08070000 LITTELFUSE-08070000 Datasheet
904Kb / 2P
In shape and design the current isolating switches with mechanical ON-OFF position are very similar to the current isolating switches
08070060 LITTELFUSE-08070060 Datasheet
904Kb / 2P
In shape and design the current isolating switches with mechanical ON-OFF position are very similar to the current isolating switches
More results

Similar Description - 0807009

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
0801994 PHOENIX-0801994 Datasheet
50Kb / 4P
Label - EML (110XE)R SR
0802697 PHOENIX-0802697 Datasheet
49Kb / 3P
Label - EML (100X40)R SR
0806929 PHOENIX-0806929 Datasheet
67Kb / 3P
Engraving material - GPE 22 X 12 WH
0806932 PHOENIX-0806932 Datasheet
66Kb / 3P
Engraving material - GPE 13x9 WH
0806961 PHOENIX-0806961 Datasheet
67Kb / 3P
Engraving material - GPE 60 X 30 WH
0815292 PHOENIX-0815292 Datasheet
49Kb / 2P
Engraving material - GPE 60X30 WH/R
5145546 PHOENIX-5145546 Datasheet
105Kb / 7P
Engraving unit - P1 ENGRAVING UNIT
09/12/2020
5145711 PHOENIX-5145711 Datasheet
51Kb / 2P
Magazine - CMS-P1-M/GPE ENGRAVING
09/12/2020
logo
Molex Electronics Ltd.
2147501043 MOLEX-2147501043 Datasheet
300Kb / 1P
MICROFIT 3.0 SR R-R 4KCKT 150MM Sn
2020/05/14
2147502051 MOLEX-2147502051 Datasheet
322Kb / 1P
MICROFIT 3.0 SR R-R 5KCKT 150MM Au
2020/05/14
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com