Electronic Components Datasheet Search
  English  ▼

X  

0815596 Datasheet(PDF) 1 Page - PHOENIX CONTACT

Part # 0815596
Description  Label - EML (110XE)R
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT

0815596 Datasheet(HTML) 1 Page - PHOENIX CONTACT

  0815596 Datasheet HTML 1Page - PHOENIX CONTACT 0815596 Datasheet HTML 2Page - PHOENIX CONTACT 0815596 Datasheet HTML 3Page - PHOENIX CONTACT  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
https://www.phoenixcontact.com/us/products/0815596
2/21/14   Page 1 / 3
Label - EML (110XE)R - 0815596
Please be informed that the data shown in this PDF Document is generated from our Online Catalog. Please find the complete data in the user's
documentation. Our General Terms of Use for Downloads are valid
(http://download.phoenixcontact.com)
Label, Roll, white, Unlabeled, Can be labeled with: THERMOMARK X, THERMOMARK S1.1, Mounting type:
Adhesive, Lettering field: 110 x 40000 mm
The figure shows the EML (20X8)R
product variant
Key commercial data
Packing unit
1 pc
Weight per Piece (excluding packing)
1144.6 GRM
Custom tariff number
39199000
Country of origin
Germany
Technical data
Dimensions
Length (b)
40000 mm
Width (a)
110 mm
Ambient conditions
Ambient temperature (operation)
-40 °C ... 150 °C
Ambient temperature (assembly)
> 5 °C
Recommended storage conditions
21 °C / 50% relative humidity. Storage in poly bags is recommended prior
to processing.
General
Color
white
Components
free from silicone and halogen
Material
Polyester
Polyester
Wipe resistance
DIN EN 61010-1 (VDE 0411-1)
DIN EN 61010-1 (VDE 0411-1)
Number of individual labels per row
1
RoHS compliant
Yes


Similar Part No. - 0815596

ManufacturerPart #DatasheetDescription
logo
Qualtek Electronics Cor...
08155 QUALTEK-08155 Datasheet
238Kb / 1P
WIRE FORM FAN GUARD (254mm)
logo
PHOENIX CONTACT
0815583 PHOENIX-0815583 Datasheet
6Mb / 76P
THERMOMARK LINE
More results

Similar Description - 0815596

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
0803137 PHOENIX-0803137 Datasheet
51Kb / 3P
Label - EML (105X23)R
0830485 PHOENIX-0830485 Datasheet
54Kb / 4P
Label - EML (75X10)R
0830486 PHOENIX-0830486 Datasheet
55Kb / 4P
Label - EML (75X10)R YE
0801841 PHOENIX-0801841 Datasheet
47Kb / 3P
Label - EML (25,4X12,7)R TR
0801994 PHOENIX-0801994 Datasheet
50Kb / 4P
Label - EML (110XE)R SR
0815606 PHOENIX-0815606 Datasheet
48Kb / 3P
Label - EML (110XE)R YE
0815693 PHOENIX-0815693 Datasheet
47Kb / 3P
Label - EML (26,5X17,5)R GN
0815703 PHOENIX-0815703 Datasheet
47Kb / 3P
Label - EML (26,5X17,5)R RD
0830481 PHOENIX-0830481 Datasheet
49Kb / 3P
Label - EML (40X6)R
0830483 PHOENIX-0830483 Datasheet
49Kb / 3P
Label - EML (50X10)R
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com