Electronic Components Datasheet Search
  English  ▼

X  

HD64F2145 Datasheet(PDF) 336 Page - Renesas Technology Corp

Part # HD64F2145
Description  Hitachi 16-Bit Single-Chip Microcomputer
PDF  829 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

HD64F2145 Datasheet(HTML) 336 Page - Renesas Technology Corp

Back Button HD64F2145 Datasheet HTML 332Page - Renesas Technology Corp HD64F2145 Datasheet HTML 333Page - Renesas Technology Corp HD64F2145 Datasheet HTML 334Page - Renesas Technology Corp HD64F2145 Datasheet HTML 335Page - Renesas Technology Corp HD64F2145 Datasheet HTML 336Page - Renesas Technology Corp HD64F2145 Datasheet HTML 337Page - Renesas Technology Corp HD64F2145 Datasheet HTML 338Page - Renesas Technology Corp HD64F2145 Datasheet HTML 339Page - Renesas Technology Corp HD64F2145 Datasheet HTML 340Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 336 / 829 page
background image
Rev. 2.0, 08/02, page 296 of 788
No.
Timing of Switchover
by Means of CKS1
and CKS0 Bits
TCNT Clock Operation
3
Clock switching from high
to low level
∗3
Clock before
switchover
Clock after
switchover
TCNT
clock
TCNT
CKS bit rewrite
N
N + 1
N + 2
*4
4
Clock switching from high
to high level
Clock before
switchover
Clock after
switchover
TCNT
clock
TCNT
CKS bit rewrite
N
N + 1
N + 2
Notes: 1. Includes switching from low to stop, and from stop to low.
2. Includes switching from stop to high.
3. Includes switching from high to stop.
4. Generated on the assumption that the switchover is a falling edge; TCNT is
incremented.
12.9.6
Mode Setting with Cascaded Connection
If the 16-bit count mode and compare-match count mode are set simultaneously, the input clock
pulses for TCNT_0 and TCNT_1 are not generated, and thus the counters will stop operating.
Simultaneous setting of these two modes should therefore be avoided.
12.9.7
Module Stop Mode Setting
TMR operation can be enabled or disabled using the module stop control register. The initial
setting is for TMR operation to be halted. Register access is enabled by canceling the module stop
mode. For details, refer to section 26, Power-Down Modes.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com