Electronic Components Datasheet Search
  English  ▼

X  

HD64F2145 Datasheet(PDF) 38 Page - Renesas Technology Corp

Part # HD64F2145
Description  Hitachi 16-Bit Single-Chip Microcomputer
PDF  829 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

HD64F2145 Datasheet(HTML) 38 Page - Renesas Technology Corp

Back Button HD64F2145 Datasheet HTML 34Page - Renesas Technology Corp HD64F2145 Datasheet HTML 35Page - Renesas Technology Corp HD64F2145 Datasheet HTML 36Page - Renesas Technology Corp HD64F2145 Datasheet HTML 37Page - Renesas Technology Corp HD64F2145 Datasheet HTML 38Page - Renesas Technology Corp HD64F2145 Datasheet HTML 39Page - Renesas Technology Corp HD64F2145 Datasheet HTML 40Page - Renesas Technology Corp HD64F2145 Datasheet HTML 41Page - Renesas Technology Corp HD64F2145 Datasheet HTML 42Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 38 / 829 page
background image
Rev. 2.0, 08/02, page xxxvi of xxxviii
Table 16.10
Permissible SCL Rise Time (t
sr) Values ................................................................455
Table 16.11
I
2C Bus Timing (with Maximum Influence of t
Sr/tSf) .............................................457
Section 17 Keyboard Buffer Controller
Table 17.1
Pin Configuration ..................................................................................................466
Section 18 Host Interface X-Bus Interface (XBS)
Table 18.1
Pin Configuration ..................................................................................................48 5
Table 18.2
Set/Clear Timing for STR Flags............................................................................493
Table 18.3
Host Interface Channel Selection and Pin Operation ............................................494
Table 18.4
Host Interface Operations from HIF Host, and Slave Operation...........................495
Table 18.5
GA20 (P81) Set/Clear Timing...............................................................................496
Table 18.6
Fast A20 Gate Output Signal.................................................................................497
Table 18.7
Scope of HIF Pin Shutdown..................................................................................498
Table 18.8
Input Buffer Full Interrupts ...................................................................................499
Table 18.9
HIRQ Setting/Clearing Conditions .......................................................................500
Section 19 Host Interface LPC Interface (LPC)
Table 19.1
Pin Configuration ..................................................................................................505
Table 19.2
Register Selection..................................................................................................518
Table 19.3
GA20 (P81) Set/Clear Timing...............................................................................539
Table 19.4
Fast A20 Gate Output Signals ..............................................................................541
Table 19.5
Scope of Host Interface Pin Shutdown..................................................................543
Table 19.6
Scope of Initialization in Each Host Interface Mode ............................................544
Table 19.7
Receive Complete Interrupts and Error Interrupt ..................................................548
Table 19.8
HIRQ Setting and Clearing Conditions.................................................................550
Section 20 D/A Converter
Table 20.1
Pin Configuration ..................................................................................................554
Table 20.2
D/A Channel Enable..............................................................................................555
Section 21 A/D Converter
Table 21.1
Pin Configuration ..................................................................................................561
Table 21.2
Analog Input Channels and Corresponding ADDR Registers...............................562
Table 21.3
A/D Conversion Time (Single Mode) ...................................................................569
Section 23 ROM
Table 23.1
Differences between Boot Mode and User Program Mode...................................579
Table 23.2
Pin Configuration ..................................................................................................585
Table 23.3
Operating Modes and ROM ..................................................................................591
Table 23.4
On-Board Programming Mode Settings................................................................591
Table 23.5
Boot Mode Operation............................................................................................594
Table 23.6
System Clock Frequencies for which Automatic Adjustment of LSI Bit Rate
is Possible..............................................................................................................595
Section 25 Clock Pulse Generator
Table 25.1
Damping Resistance Values ..................................................................................610



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com