Electronic Components Datasheet Search
  English  ▼

X  

HD64F2145 Datasheet(PDF) 396 Page - Renesas Technology Corp

Part # HD64F2145
Description  Hitachi 16-Bit Single-Chip Microcomputer
PDF  829 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

HD64F2145 Datasheet(HTML) 396 Page - Renesas Technology Corp

Back Button HD64F2145 Datasheet HTML 392Page - Renesas Technology Corp HD64F2145 Datasheet HTML 393Page - Renesas Technology Corp HD64F2145 Datasheet HTML 394Page - Renesas Technology Corp HD64F2145 Datasheet HTML 395Page - Renesas Technology Corp HD64F2145 Datasheet HTML 396Page - Renesas Technology Corp HD64F2145 Datasheet HTML 397Page - Renesas Technology Corp HD64F2145 Datasheet HTML 398Page - Renesas Technology Corp HD64F2145 Datasheet HTML 399Page - Renesas Technology Corp HD64F2145 Datasheet HTML 400Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 396 / 829 page
background image
Rev. 2.0, 08/02, page 356 of 788
15.3.10
Keyboard Comparator Control Register (KBCOMP)
KBCOMP selects the functions of the SCI and A/D converter.
Bit
Bit Name
Initial Value
R/W
Description
7
IrE
0
R/W
IrDA Enable
Specifies SCI_2 I/O pins for either normal SCI or
IrDA.
0: TxD2/IrTxD and RxD2/IrRxD pins function as TxD2
and RxD2 pins, respectively
1: TxD2/IrTxD and RxD2/IrRxD pins function as IrTxD
and IrRxD pins, respectively
6
5
4
IrCKS2
IrCKS1
IrCKS0
0
0
0
R/W
R/W
R/W
IrDA Clock Select 2 to 0
These bits specify the high-level width of the clock
pulse during IrTxD output pulse encoding when the
IrDA function is enabled.
000: B
× 3/16 (B: Bit rate)
001: ø/2
010: ø /4
011: ø /8
100: ø /16
101: ø /32
110: ø /64
111: ø /128
3
2
1
0
KBADE
KBCH2
KBCH1
KBCH0
0
0
0
0
R/W
R/W
R/W
R/W
Bits related to the A/D converter
For details, refer to section 21.3.4, Keyboard
Comparator Control Register (KBCOMP).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com