Electronic Components Datasheet Search
  English  ▼

X  

HD64F2145 Datasheet(PDF) 103 Page - Renesas Technology Corp

Part # HD64F2145
Description  Hitachi 16-Bit Single-Chip Microcomputer
PDF  829 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

HD64F2145 Datasheet(HTML) 103 Page - Renesas Technology Corp

Back Button HD64F2145 Datasheet HTML 99Page - Renesas Technology Corp HD64F2145 Datasheet HTML 100Page - Renesas Technology Corp HD64F2145 Datasheet HTML 101Page - Renesas Technology Corp HD64F2145 Datasheet HTML 102Page - Renesas Technology Corp HD64F2145 Datasheet HTML 103Page - Renesas Technology Corp HD64F2145 Datasheet HTML 104Page - Renesas Technology Corp HD64F2145 Datasheet HTML 105Page - Renesas Technology Corp HD64F2145 Datasheet HTML 106Page - Renesas Technology Corp HD64F2145 Datasheet HTML 107Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 103 / 829 page
background image
Rev. 2.0, 08/02, page 63 of 788
Section 3 MCU Operating Modes
3.1
MCU Operating Mode Selection
This LSI has three operating modes (modes 1 to 3). The operating mode is determined by the
setting of the mode pins (MD1 and MD0). Table 3.1 shows the MCU operating mode selection.
Table 3.1 lists the MCU operating modes.
Table 3.1
MCU Operating Mode Selection
MCU
Operating
Mode
MD1
MD0
CPU
Operating
Mode
Description
On-Chip
ROM
00
—
—
—
1
0
1
Normal
Expanded mode with on-chip ROM disabled
Disabled
2
0
Advanced
Expanded mode with on-chip ROM enabled
Single-chip mode
3
1
1
Normal
Expanded mode with on-chip ROM enabled
Single-chip mode
Enabled
Mode 1 is an expanded mode that allows access to external memory and peripheral devices. With
modes 2 and 3, operation begins in single-chip mode after reset release, but a transition can be
made to external expansion mode by setting the EXPE bit in MDCR to 1.
Mode 0 cannot be used in this LSI. Thus, mode pins should be set to enable mode 1, 2 or 3 in
normal program execution state. Mode pins should not be changed during operation.
3.2
Register Descriptions
The following registers are related to the operating mode. For details on the bus control register
(BCR), refer to section 6.3.1, Bus Control Register (BCR).
• Mode control register (MDCR)
• System control register (SYSCR)
• Serial timer control register (STCR)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com