Electronic Components Datasheet Search
  English  ▼

X  

HD64F2145 Datasheet(PDF) 120 Page - Renesas Technology Corp

Part # HD64F2145
Description  Hitachi 16-Bit Single-Chip Microcomputer
PDF  829 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

HD64F2145 Datasheet(HTML) 120 Page - Renesas Technology Corp

Back Button HD64F2145 Datasheet HTML 116Page - Renesas Technology Corp HD64F2145 Datasheet HTML 117Page - Renesas Technology Corp HD64F2145 Datasheet HTML 118Page - Renesas Technology Corp HD64F2145 Datasheet HTML 119Page - Renesas Technology Corp HD64F2145 Datasheet HTML 120Page - Renesas Technology Corp HD64F2145 Datasheet HTML 121Page - Renesas Technology Corp HD64F2145 Datasheet HTML 122Page - Renesas Technology Corp HD64F2145 Datasheet HTML 123Page - Renesas Technology Corp HD64F2145 Datasheet HTML 124Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 120 / 829 page
background image
Rev. 2.0, 08/02, page 80 of 788
4.2
Exception Sources and Exception Vector Table
Different vector addresses are assigned to different exception sources. Table 4.2 lists the exception
sources and their vector addresses.
Table 4.2
Exception Handling Vector Table
Vector Address
Exception Source
Vector Number
Normal Mode
Advanced Mode
Reset
0
H'0000 to H'0001
H'000000 to H'000003
Reserved for system use
1
5
H'0002 to H'0003
|
H'000A to H'000B
H'000004 to H'000007
|
H'000014 to H'000017
Direct transition
6
H'000C to H'000D
H'000018 to H'00001B
External interrupt (NMI)
7
H'000E to H'000F
H'00001C to H'00001F
8
H'0010 to H'0011
H'000020 to H'000023
9
H'0012 to H'0013
H'000024 to H'000027
10
H'0014 to H'0015
H'000028 to H'00002B
Trap instruction (four
sources)
11
H'0016 to H'0017
H'00002C to H'00002F
Reserved for system use
12
15
H'0018 to H'0019
|
H'001E to H'001F
H'000030 to H'000033
|
H'00003C to H'00003F
IRQ0
16
H'0020 to H'0021
H'000040 to H'000043
IRQ1
17
H'0022 to H'0023
H'000044 to H'000047
IRQ2
18
H'0024 to H'0025
H'000048 to H'00004B
IRQ3
19
H'0026 to H'0027
H'00004C to H'00004F
IRQ4
20
H'0028 to H'0029
H'000050 to H'000053
IRQ5
21
H'002A to H'002B
H'000054 to H'000057
IRQ6
22
H'002C to H'002D
H'000058 to H'00005B
External interrupt
IRQ7
23
H'002E to H'002F
H'00005C to H'00005F
Internal interrupt*
24
107
H'0030 to H'0031
H'00DE to H'00DF
H'000060 to H'000063
H'0001BC to H'0001BF
Note:* For details on the internal interrupt vector table, see section 5.5, Interrupt Exception
Handling Vector Table.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com