Electronic Components Datasheet Search
  English  ▼

X  

HD64F2145 Datasheet(PDF) 138 Page - Renesas Technology Corp

Part # HD64F2145
Description  Hitachi 16-Bit Single-Chip Microcomputer
PDF  829 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

HD64F2145 Datasheet(HTML) 138 Page - Renesas Technology Corp

Back Button HD64F2145 Datasheet HTML 134Page - Renesas Technology Corp HD64F2145 Datasheet HTML 135Page - Renesas Technology Corp HD64F2145 Datasheet HTML 136Page - Renesas Technology Corp HD64F2145 Datasheet HTML 137Page - Renesas Technology Corp HD64F2145 Datasheet HTML 138Page - Renesas Technology Corp HD64F2145 Datasheet HTML 139Page - Renesas Technology Corp HD64F2145 Datasheet HTML 140Page - Renesas Technology Corp HD64F2145 Datasheet HTML 141Page - Renesas Technology Corp HD64F2145 Datasheet HTML 142Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 138 / 829 page
background image
Rev. 2.0, 08/02, page 98 of 788
Vector Address
Origin of
Interrupt
Source
Name
Vector
Number
Normal
Mode
Advanced
Mode
ICR
Priority
TMR_1
CMIA1 (Compare match A)
CMIB1 (Compare match B)
OVI1 (Overflow)
Reserved for system use
68
69
70
71
H'0088
H'008A
H'008C
H'008E
H'000110
H'000114
H'000118
H'00011C
ICRB2
High
TMR_X,
TMR_Y
CMIAY (Compare match A)
CMIBY (Compare match B)
OVIY (Overflow)
ICIX (Input capture X)
72
73
74
75
H'0090
H'0092
H'0094
H'0096
H'000120
H'000124
H'000128
H'00012C
ICRB1
XBS
IBF1 (IDR1 reception completion)
IBF2 (IDR2 reception completion)
IBF3 (IDR3 reception completion)
IBF4 (IDR4 reception completion)
76
77
78
79
H'0098
H'009A
H'009C
H'009E
H'000130
H'000134
H'000138
H'00013C
ICRB0
SCI_0
ERI0 (Reception error 0)
RXI0 (Reception completion 0)
TXI0 (Transmission data empty 0)
TEI0 (Transmission end 0)
80
81
82
83
H'00A0
H'00A2
H'00A4
H'00A6
H'000140
H'000144
H'000148
H'00014C
ICRC7
SCI_1
ERI1 (Reception error 1)
RXI1 (Reception completion 1)
TXI1 (Transmission data empty 1)
TEI1 (Transmission end 1)
84
85
86
87
H'00A8
H'00AA
H'00AC
H'00AE
H'000150
H'000154
H'000158
H'00015C
ICRC6
SCI_2
ERI2 (Reception error 2)
RXI2 (Reception completion 2)
TXI2 (Transmission data empty 2)
TEI2 (Transmission end 2)
88
89
90
91
H'00B0
H'00B2
H'00B4
H'00B6
H'000160
H'000164
H'000168
H'00016C
ICRC5
IIC_0
IICI0 (1-byte transmission/
reception completion)
DDCSWI (Format switch)
92
93
H'00B8
H'00BA
H'000170
H'000174
ICRC4
IIC_1
IICI1 (1-byte transmission/
reception completion)
Reserved for system use
94
95
H’00BC
H’00BE
H’000178
H’00017C
ICRC3
Keyboard
buffer
controller
KBIA (Reception completion A)
KBIB (Reception completion B)
KBIC (Reception completion C)
Reserved for system use
96
97
98
99
H’00C0
H’00C2
H’00C4
H'00C6
H’000180
H’000184
H’000188
H’00018C
ICRB0
—
Reserved for system use
100
to
107
H’00C8
to
H’00D6
H’000190
to
H’0001AC
—
LPC
*
ERRI (Transfer error)
IBF1 (IDR1 reception completion)
IBF2 (IDR2 reception completion)
IBF3 (IDR3 reception completion)
108
109
110
111
H’00D8
H’00DA
H’00DC
H’00DE
H’0001B0
H’0001B4
H’0001B8
H’0001BC
ICRC1
Low
Note:* Reserved for system use on products not including LPC.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com