Electronic Components Datasheet Search
  English  ▼

X  

HD64F2145 Datasheet(PDF) 156 Page - Renesas Technology Corp

Part # HD64F2145
Description  Hitachi 16-Bit Single-Chip Microcomputer
PDF  829 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

HD64F2145 Datasheet(HTML) 156 Page - Renesas Technology Corp

Back Button HD64F2145 Datasheet HTML 152Page - Renesas Technology Corp HD64F2145 Datasheet HTML 153Page - Renesas Technology Corp HD64F2145 Datasheet HTML 154Page - Renesas Technology Corp HD64F2145 Datasheet HTML 155Page - Renesas Technology Corp HD64F2145 Datasheet HTML 156Page - Renesas Technology Corp HD64F2145 Datasheet HTML 157Page - Renesas Technology Corp HD64F2145 Datasheet HTML 158Page - Renesas Technology Corp HD64F2145 Datasheet HTML 159Page - Renesas Technology Corp HD64F2145 Datasheet HTML 160Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 156 / 829 page
background image
Rev. 2.0, 08/02, page 116 of 788
6.3.2
Wait State Control Register (WSCR)
WSCR is used to specify the data bus width for external address space access, the number of
access states, the wait mode, and the number of wait states for access to external address spaces.
The bus width and the number of access states for internal memory and internal I/O registers are
fixed regardless of the WSCR settings.
Bit
Bit Name
Initial Value
R/W
Description
7
6
—
—
0
0
R/W
R/W
Reserved
These bits should not be written by 1.
5
ABW
1
R/W
Bus Width Control
Selects 8 or 16bits for access to the external address
space.
0: 16-bit access space
1: 8-bit access space
4
AST
1
R/W
Access State Control
Selects 2 or 3 access states for access to the external
address space. This bit also enables or disables wait-
state insertion.
0: 2-state access space. Wait state insertion disabled in
external address space access
1: 3-state access space. Wait state insertion enabled in
external address space access
3
2
WMS1
WMS0
0
0
R/W
R/W
Wait Mode Select 1, 0
Select the wait mode for access to the external address
space when the AST bit is set to 1.
00: Program wait mode
01: Wait disabled mode
10: Pin wait mode
11: Pin auto-wait mode
1
0
WC1
WC0
1
1
R/W
R/W
Wait Count 1, 0
Select the number of program wait states to be inserted
when the external address space is accessed while the
AST bit is set to 1.
00: Program wait state is not inserted
01: 1 program wait state is inserted
10: 2 program wait states are inserted
11: 3 program wait states are inserted



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com