Electronic Components Datasheet Search
  English  ▼

X  

HD64F2145 Datasheet(PDF) 174 Page - Renesas Technology Corp

Part # HD64F2145
Description  Hitachi 16-Bit Single-Chip Microcomputer
PDF  829 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

HD64F2145 Datasheet(HTML) 174 Page - Renesas Technology Corp

Back Button HD64F2145 Datasheet HTML 170Page - Renesas Technology Corp HD64F2145 Datasheet HTML 171Page - Renesas Technology Corp HD64F2145 Datasheet HTML 172Page - Renesas Technology Corp HD64F2145 Datasheet HTML 173Page - Renesas Technology Corp HD64F2145 Datasheet HTML 174Page - Renesas Technology Corp HD64F2145 Datasheet HTML 175Page - Renesas Technology Corp HD64F2145 Datasheet HTML 176Page - Renesas Technology Corp HD64F2145 Datasheet HTML 177Page - Renesas Technology Corp HD64F2145 Datasheet HTML 178Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 174 / 829 page
background image
Rev. 2.0, 08/02, page 134 of 788
6.8
Bus Arbitration
The bus controller has a bus arbiter that arbitrates bus master operations. There are two bus
masters – the CPU and DTC – that perform read/write operations when they have possession of
the bus.
6.8.1
Priority of Bus Masters
Each bus master requests the bus by means of a bus request signal. The bus arbiter detects the bus
masters' bus request signals, and if a bus request occurs, it sends a bus request acknowledge signal
to the bus master making the request at the designated timing. If there are bus requests from more
than one bus master, the bus request acknowledge signal is sent to the one with the highest
priority. When a bus master receives the bus request acknowledge signal, it takes possession of the
bus until that signal is canceled. The order of priority of the bus masters is as follows:
(High) DTC > CPU (Low)
6.8.2
Bus Transfer Timing
When a bus request is received from a bus master with a higher priority than that of the bus master
that has acquired the bus and is currently operating, the bus is not necessarily transferred
immediately. Each bus master can relinquish the bus at the timings given below.
CPU: The CPU is the lowest-priority bus master, and if a bus request is received from the DTC,
the bus arbiter transfers the bus to the DTC.
• DTC bus transfer timing
 The bus is transferred at a break between bus cycles. However, if a bus cycle is executed in
discrete operations, as in the case of a longword-size access, the bus is not transferred
between the component operations. For details, refer to the H8S/2600 Series, H8S/2000
Series Programming Manual.
 If the CPU is in sleep mode, the bus is transferred immediately.
DTC: The DTC has the highest bus master priority. The DTC sends the bus arbiter a request for
the bus when an activation request is generated. The DTC does not release the bus until it
completes its operation.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com