Electronic Components Datasheet Search
  English  ▼

X  

HD64F2145 Datasheet(PDF) 215 Page - Renesas Technology Corp

Part # HD64F2145
Description  Hitachi 16-Bit Single-Chip Microcomputer
PDF  829 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

HD64F2145 Datasheet(HTML) 215 Page - Renesas Technology Corp

Back Button HD64F2145 Datasheet HTML 211Page - Renesas Technology Corp HD64F2145 Datasheet HTML 212Page - Renesas Technology Corp HD64F2145 Datasheet HTML 213Page - Renesas Technology Corp HD64F2145 Datasheet HTML 214Page - Renesas Technology Corp HD64F2145 Datasheet HTML 215Page - Renesas Technology Corp HD64F2145 Datasheet HTML 216Page - Renesas Technology Corp HD64F2145 Datasheet HTML 217Page - Renesas Technology Corp HD64F2145 Datasheet HTML 218Page - Renesas Technology Corp HD64F2145 Datasheet HTML 219Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 215 / 829 page
background image
Rev. 2.0, 08/02, page 175 of 788
8.6.2
Port 5 Data Register (P5DR)
P5DR stores output data for port 5 pins.
Bit
Bit Name
Initial Value
R/W
Description
7
to
3
—
All 1
—
Reserved
The initial value must not be changed.
2
P52DR
0
R/W
1
P51DR
0
R/W
0
P50DR
0
R/W
If a port 5 read is performed while P5DDR bits are
set to 1, the P5DR values are read directly,
regardless of the actual pin states. If a port 5 read
is performed while P5DDR bits are cleared to 0, the
pin states are read.
8.6.3
Pin Functions
• P52/SCK0/SCL0
The pin function is switched as shown below according to the combination of the CKE1 and
CKE0 bits in SCR of SCI_0, the C/
$ bit in SMR of SCI_0, the ICE bit in ICCR of IIC_0, and
the P52DDR bit.
ICE
0
1
CKE1
0
1
0
C/
$
01
—
0
CKE0
0
1
—
—
0
P52DDR
0
1
——
——
Pin Function
P52
input pin
P52
output pin
SCK0 output
pin
SCK0 output
pin
SCK0
input pin
SCL0
I/O pin
Note:* When this pin is used as the SCL0 I/O pin, bits CKE1 and CKE0 in SCR of SCI0 and bit C/
$
in SMR of SCI0 must all be cleared to 0.
SCL0 is an NMOS open-drain output, and has direct bus drive capability.
When set as the P52 output pin or SCK0 output pin, this pin is an NMOS push-pull output.
• P51/RxD0
The pin function is switched as shown below according to the combination of the RE bit in
SCR of SCI_0 and the P51DDR bit.
RE
0
1
P51DDR
0
1
—
Pin Function
P51 input pin
P51 output pin
RxD0 input pin



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com