Electronic Components Datasheet Search
  English  ▼

X  

HD64F2145 Datasheet(PDF) 228 Page - Renesas Technology Corp

Part # HD64F2145
Description  Hitachi 16-Bit Single-Chip Microcomputer
PDF  829 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

HD64F2145 Datasheet(HTML) 228 Page - Renesas Technology Corp

Back Button HD64F2145 Datasheet HTML 224Page - Renesas Technology Corp HD64F2145 Datasheet HTML 225Page - Renesas Technology Corp HD64F2145 Datasheet HTML 226Page - Renesas Technology Corp HD64F2145 Datasheet HTML 227Page - Renesas Technology Corp HD64F2145 Datasheet HTML 228Page - Renesas Technology Corp HD64F2145 Datasheet HTML 229Page - Renesas Technology Corp HD64F2145 Datasheet HTML 230Page - Renesas Technology Corp HD64F2145 Datasheet HTML 231Page - Renesas Technology Corp HD64F2145 Datasheet HTML 232Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 228 / 829 page
background image
Rev. 2.0, 08/02, page 188 of 788
8.10.2
Port 9 Data Register (P9DR)
P9DR stores output data for the port 9 pins.
Bit
Bit Name
Initial Value
R/W
Description
7
P97DR
0
R/W
6
P96DR
Undefined*
R
5
P95DR
0
R/W
4
P94DR
0
R/W
3
P93DR
0
R/W
2
P92DR
0
R/W
1
P91DR
0
R/W
0
P90DR
0
R/W
With the exception of P96, if a port 9 read is
performed while P9DDR bits are set to 1, the P9DR
values are read directly, regardless of the actual
pin states. If a port 9 read is performed while
P9DDR bits are cleared to 0, the pin states are
read.
For P96, the pin state is always read.
Note:* The initial value of bit 6 is determined according to the P96 pin state.
8.10.3
Pin Functions
• P97/:$,7/SDA0
The pin function is switched as shown below according to the combination of operating mode,
the WMS1 bit in WSCR, the ICE bit in ICCR of IIC_0, and the P97DDR bit.
Operating
Mode
Modes 1, 2, 3 (EXPE = 1)
Modes 2, 3 (EXPE = 0)
WMS1
0
1
—
ICE
0
1
—
0
1
P97DDR
0
1
—
—
0
1
—
Pin Function
P97 input
pin
P97 output
pin
SDA0 I/O
pin
:$,7 input
pin
P97 input
pin
P97 output
pin
SDA0 I/O
pin
Note:* When this pin is set as the P97 output pin, it is an NMOS push-pull output. SDA0 is an
NMOS open-drain output, and has direct bus drive capability.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com