Electronic Components Datasheet Search
  English  ▼

X  

HD64F2145 Datasheet(PDF) 275 Page - Renesas Technology Corp

Part # HD64F2145
Description  Hitachi 16-Bit Single-Chip Microcomputer
PDF  829 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

HD64F2145 Datasheet(HTML) 275 Page - Renesas Technology Corp

Back Button HD64F2145 Datasheet HTML 271Page - Renesas Technology Corp HD64F2145 Datasheet HTML 272Page - Renesas Technology Corp HD64F2145 Datasheet HTML 273Page - Renesas Technology Corp HD64F2145 Datasheet HTML 274Page - Renesas Technology Corp HD64F2145 Datasheet HTML 275Page - Renesas Technology Corp HD64F2145 Datasheet HTML 276Page - Renesas Technology Corp HD64F2145 Datasheet HTML 277Page - Renesas Technology Corp HD64F2145 Datasheet HTML 278Page - Renesas Technology Corp HD64F2145 Datasheet HTML 279Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 275 / 829 page
background image
Rev. 2.0, 08/02, page 235 of 788
Table 10.3 summarizes the relationships between the CKS, CFS, and OS bit settings and the
resolution, base cycle, and conversion cycle. The PWM output remains fixed unless DADR
contains at least a certain minimum value.
Table 10.3
Settings and Operation (Examples when ø = 10 MHz)
Fixed DADR Bits
Bit Data
CKS
Resolution
T (µs)
CFS
Base
Cycle (µs)
Conversion
Cycle (µs)
T
L (if OS = 0)
T
H (if OS = 1)
Precisi-
on
(Bits)
32 10
Conversion
Cycle* (µs)
14
1638.4
12
0 0 409.6
06.4
1.
Always low (or high)
(DADR = H'0001 to
H'03FD)
2.
(Data value)
× T
(DADR = H'0401 to
H'FFFD)
10
0 0 0 0 102.4
14
1638.4
12
0 0 409.6
00.1
1
25.6
1638.4
1.
Always low (or high)
(DADR = H'0003 to
H'00FF)
2.
(Data value)
× T
(DADR = H'0103 to
H'FFFF)
10
0 0 0 0 102.4
14
3276.8
12
0 0 819.2
0
12.8
1.
Always low (or high)
(DADR = H'0001 to
H'03FD)
2.
(Data value)
× T
(DADR = H'0401 to
H'FFFD)
10
0 0 0 0 204.8
14
3276.8
12
0 0 819.2
10.2
1
51.2
3276.8
1.
Always low (or high)
(DADR = H'0003 to
H'00FF)
2.
(Data value)
× T
(DADR = H'0103 to
H'FFFF)
10
0 0 0 0 204.8
Note:* This column indicates the conversion cycle when specific DADR bits are fixed.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com