Electronic Components Datasheet Search
  English  ▼

X  

HD64F2145 Datasheet(PDF) 284 Page - Renesas Technology Corp

Part # HD64F2145
Description  Hitachi 16-Bit Single-Chip Microcomputer
PDF  829 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

HD64F2145 Datasheet(HTML) 284 Page - Renesas Technology Corp

Back Button HD64F2145 Datasheet HTML 280Page - Renesas Technology Corp HD64F2145 Datasheet HTML 281Page - Renesas Technology Corp HD64F2145 Datasheet HTML 282Page - Renesas Technology Corp HD64F2145 Datasheet HTML 283Page - Renesas Technology Corp HD64F2145 Datasheet HTML 284Page - Renesas Technology Corp HD64F2145 Datasheet HTML 285Page - Renesas Technology Corp HD64F2145 Datasheet HTML 286Page - Renesas Technology Corp HD64F2145 Datasheet HTML 287Page - Renesas Technology Corp HD64F2145 Datasheet HTML 288Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 284 / 829 page
background image
Rev. 2.0, 08/02, page 244 of 788
11.3.1
Free-Running Counter (FRC)
FRC is a 16-bit readable/writable up-counter. The clock source is selected by bits CKS1 and
CKS0 in TCR. FRC can be cleared by compare-match A. When FRC overflows from H'FFFF to
H'0000, the overflow flag bit (OVF) in TCSR is set to 1. FRC should always be accessed in 16-bit
units; cannot be accessed in 8-bit units. FRC is initialized to H'0000.
11.3.2
Output Compare Registers A and B (OCRA, OCRB)
The FRT has two output compare registers, OCRA and OCRB, each of which is a 16-bit
readable/writable register whose contents are continually compared with the value in FRC. When
a match is detected (compare-match), the corresponding output compare flag (OCFA or OCFB) is
set to 1 in TCSR. If the OEA or OEB bit in TOCR is set to 1, when the OCR and FRC values
match, the output level selected by the OLVLA or OLVLB bit in TOCR is output at the output
compare output pin (FTOA or FTOB). Following a reset, the FTOA and FTOB output levels are 0
until the first compare-match. OCR should always be accessed in 16-bit units; cannot be accessed
in 8-bit units. OCR is initialized to H'FFFF.
11.3.3
Input Capture Registers A to D (ICRA to ICRD)
The FRT has four input capture registers, ICRA to ICRD, each of which is a 16-bit read-only
register. When the rising or falling edge of the signal at an input capture input pin (FTIA to FTID)
is detected, the current FRC value is transferred to the corresponding input capture register (ICRA
to ICRD). At the same time, the corresponding input capture flag (ICFA to ICFD) in TCSR is set
to 1. The FRC contents are transferred to ICR regardless of the value of ICF. The input capture
edge is selected by the input edge select bits (IEDGA to IEDGD) in TCR.
ICRC and ICRD can be used as ICRA and ICRB buffer registers, respectively, by means of buffer
enable bits A and B (BUFEA and BUFEB) in TCR. For example, if an input capture occurs when
ICRC is specified as the ICRA buffer register, the FRC contents are transferred to ICRA, and then
transferred to the buffer register ICRC.
To ensure input capture, the input capture pulse width should be at least 1.5 system clocks (ø) for a
single edge. When triggering is enabled on both edges, the input capture pulse width should be at
least 2.5 system clocks (ø).
ICRA to ICRD should always be accessed in 16-bit units; cannot be accessed in 8-bit units. ICR is
initialized to H'0000.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com