Electronic Components Datasheet Search
  English  ▼

X  

HD64F2145 Datasheet(PDF) 329 Page - Renesas Technology Corp

Part # HD64F2145
Description  Hitachi 16-Bit Single-Chip Microcomputer
PDF  829 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

HD64F2145 Datasheet(HTML) 329 Page - Renesas Technology Corp

Back Button HD64F2145 Datasheet HTML 325Page - Renesas Technology Corp HD64F2145 Datasheet HTML 326Page - Renesas Technology Corp HD64F2145 Datasheet HTML 327Page - Renesas Technology Corp HD64F2145 Datasheet HTML 328Page - Renesas Technology Corp HD64F2145 Datasheet HTML 329Page - Renesas Technology Corp HD64F2145 Datasheet HTML 330Page - Renesas Technology Corp HD64F2145 Datasheet HTML 331Page - Renesas Technology Corp HD64F2145 Datasheet HTML 332Page - Renesas Technology Corp HD64F2145 Datasheet HTML 333Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 329 / 829 page
background image
Rev. 2.0, 08/02, page 289 of 788
Selection of Input Capture Signal Input: Input capture input signal of TMR_X (TMRIX) is
switched according to the setting of the bits in TCONRI of the timer connection. Input capture
signal selections are shown in figure 12.13 and table 12.3. For details, see section 13.3.1, Timer
Connection Register I (TCONRI).
TMIX pin
TMRI1 pin
TMCI1 pin
Polarity inversion
Polarity inversion
Polarity inversion
Signal
selector
TMRIX
TMR_X
HFINV,
HIINV
SIMOD1,
SIMOD0
ICST
Figure 12.13 Input Capture Signal Selection
Table 12.3
Input Capture Signal Selection
TCONRI
Bit 4
Bit 7
Bit 6
Bit 3
Bit 1
ICST
SIMOD1
SIMOD0
HFINV
HIINV
Description
0
————Input capture function not used
0
—
TMIX pin input selection
0
1
—
Inverted TMIX pin input selection
—
0
TMRI1 pin input selection
0
1
—
1
Inverted TMRI1 pin input selection
—
0
TMCI1 pin input selection
1
11
—
1
Inverted TMCI1 pin input selection



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com