Electronic Components Datasheet Search
  English  ▼

X  

TL-TYPE Datasheet(PDF) 1 Page - TAITIEN ELECTRONICS CO.,LTD

Part # TL-TYPE
Description  5.0 x 3.2 mm SMD Voltage Controlled Temperature Compensated Crystal Oscillator
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TAITIEN [TAITIEN ELECTRONICS CO.,LTD]
Direct Link  https://www.taitien.com
Logo TAITIEN - TAITIEN ELECTRONICS CO.,LTD

TL-TYPE Datasheet(HTML) 1 Page - TAITIEN ELECTRONICS CO.,LTD

  TL-TYPE Datasheet HTML 1Page - TAITIEN ELECTRONICS CO.,LTD  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Specifications subject to change without notice.
www.taitien.com
sales@taitien.com.tw
89
TYPICAL APPLICATION
- Time Synchronization
- Microwave Communication
- Test & Measurement
- Telecom Systems
- Satellite Communation
SOLDER PAD LAYOUT (mm)
1.85
[ BOTTOM VIEW ]
[ TOP VIEW ]
[ SIDE VIEW ]
±0.1
5.0±0.2
Pin 1 Mark
#9
#6
#4
#1
3.2
0.8
0.6
±0.15
±0.15
#2
#6
#1
#9
#3
#4
#5
#7
#8
#10
4.0
1.2
Recommended soldering pattern
☆
To ensure optimal oscillator performance,
place a by-pass capacitor of 0.1uF as
close to the part as possible between
Vdd and GND pads.
#5
#7
#8
#10
#1
#2
#6
#4
#9
#3
TL Type High Precision TCXO
5.0 x 3.2 mm SMD Voltage Controlled Temperature
Compensated Crystal Oscillator
DIMENSION (mm)
FEATURE
- Typical 5.0 x 3.2 x 1.85 mm ceramic SMD package.
- High Stability for Stratum III
- High Precision for ±0.1ppm@-40°C~+85°C, ±0.2ppm@-40°C~+105°C
- Frequency support from 10MHz to 52MHz
- Wide temperature range
- Tri-state Enable/Disable function
- Pb-free/RoHS compliant
PIN FUNCTION
RoHS Compliant
Actual Size
Min.
Max.
Min.
Max.
VDD-5%
VDD+5%
VDD-5%
VDD+5%
V
10
52
10
52
MHz
-
±1.0
-
±1.0
ppm
-
± 0.1
-
± 0.1
ppm
-
± 0.05-
± 0.05
ppm
-
± 1.0
-
± 1.0
ppm
-
6.5-
6.5
mA
-
7.5-
7.5
mA
90%VDD
-
90%VDD
-
V
-
10%VDD
-
10%VDD
V
-
6.5-
6.5
nSec
-
6.5-
6.5
nSec
45
55
45
55
%
-
15-
15
pF
-
4.5-
4.5
mA
-
5.0-
5.0
mA
0.8-
0.8
-
Vp-p
V
5
.
2
V
3
.
3
Supply Voltage Variation (VDD)
Frequency Range
10KΩ // 10pF
10KΩ // 10pF
Fall Time
Load
Frequency Tolerance (@25oC)
Frequency Stability
Vs Supply Voltage (±5%) change
Vs Load (±10%) change
Vs Aging (@1st year)
38MHz > Fo
52MHz
Transition Time
(10% ~ 90%)
Duty Cycle
Load
Output Waveform
Output Level
Supply Current
10MHz
Fo
38MHz
Rise Time
Parameter
CMOS
Clipped sine wave
Supply Current
10MHz
Fo
38MHz
38MHz > Fo
52MHz
Output Level
Output Waveform
Unit
Output High
Output Low
ELECTRICAL SPECIFICATION
Note: not all combination of options are available. Other specifications may be available upon request.
GND
NC
VDD
VCON:VC-TCXO
2
4
3
1
PIN# FUNCTION
7
6
5
8
9
10
GND
NC
VC Filter
Fout
NC/Tri-state
NC
NC:TCXO
Rev(3)07/2019


Similar Part No. - TL-TYPE

ManufacturerPart #DatasheetDescription
logo
Omron Electronics LLC
TL-T2E1 OMRON-TL-T2E1 Datasheet
295Kb / 14P
Slim Proximity Sensor
TL-T2E2 OMRON-TL-T2E2 Datasheet
295Kb / 14P
Slim Proximity Sensor
TL-T2F1 OMRON-TL-T2F1 Datasheet
295Kb / 14P
Slim Proximity Sensor
TL-T2Y1 OMRON-TL-T2Y1 Datasheet
295Kb / 14P
Slim Proximity Sensor
TL-T2Y2 OMRON-TL-T2Y2 Datasheet
295Kb / 14P
Slim Proximity Sensor
More results

Similar Description - TL-TYPE

ManufacturerPart #DatasheetDescription
logo
TAITIEN ELECTRONICS CO....
XO-0146-VW-M-LVPECL-LVDS TAITIEN-XO-0146-VW-M-LVPECL-LVDS Datasheet
485Kb / 1P
5.0 x 3.2 mm SMD Differential Output Voltage Controlled Crystal Oscillator
XO-0147-VW-M-CMOS TAITIEN-XO-0147-VW-M-CMOS Datasheet
286Kb / 1P
5.0 x 3.2 mm SMD Voltage Controlled Crystal Oscillator
XO-0041-OV-TYPE TAITIEN-XO-0041-OV-TYPE Datasheet
367Kb / 1P
5.0 x 3.2 mm SMD Crystal Oscillator
XO-0043-TV TAITIEN-XO-0043-TV Datasheet
187Kb / 1P
5.0 x 3.2 mm SMD Voltage Controlled Temperature Compensated Crystal Oscillator
XO-0076-TX TAITIEN-XO-0076-TX Datasheet
1Mb / 1P
3.2 x 2.5 mm SMD Voltage Controlled Temperature Compensated Crystal Oscillator
XO-0084-TW-TYPE-TCXO TAITIEN-XO-0084-TW-TYPE-TCXO Datasheet
236Kb / 1P
5.0 x 3.2 mm SMD High Precision Voltage Controlled Temperature Compensated Crystal Oscillator
XO-0087-TT TAITIEN-XO-0087-TT Datasheet
294Kb / 1P
7.0 x 5.0 mm SMD Voltage Controlled Temperature Compensated Crystal Oscillator
XO-0088-TT-STRATUM3 TAITIEN-XO-0088-TT-STRATUM3 Datasheet
269Kb / 1P
7.0 x 5.0 mm SMD Voltage Controlled Temperature Compensated Crystal Oscillator
XO-0104-TA TAITIEN-XO-0104-TA Datasheet
337Kb / 1P
7.0 x 5.0 mm SMD Voltage Controlled Temperature Compensated Crystal Oscillator
TT-K TAITIEN-TT-K Datasheet
169Kb / 1P
7.0 x 5.0 mm SMD Voltage Controlled Temperature Compensated Crystal Oscillator
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com