Electronic Components Datasheet Search
  English  ▼

X  

MBRS360 Datasheet(PDF) 2 Page - ON Semiconductor

Part # MBRS360
Description  SCHOTTKY BARRIER RECTIFIERS
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

MBRS360 Datasheet(HTML) 2 Page - ON Semiconductor

  MBRS360 Datasheet HTML 1Page - ON Semiconductor MBRS360 Datasheet HTML 2Page - ON Semiconductor MBRS360 Datasheet HTML 3Page - ON Semiconductor MBRS360 Datasheet HTML 4Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
MBRS320T3, MBRS330T3, MBRS340T3, MBRS360T3
http://onsemi.com
2
MAXIMUM RATINGS
Rating
Symbol
MBRS320T3
MBRS330T3
MBRS340T3
MBRS360T3
Unit
Peak Repetitive Reverse Voltage
Working Peak Reverse Voltage
DC Blocking Voltage
VRRM
VRWM
VR
20
30
40
60
Volts
Average Rectified Forward Current
IF(AV)
3.0 @ TL = 100°C
4.0 @ TL = 90°C
Amps
Nonrepetitive Peak Surge Current
(Surge applied at rated load conditions halfwave,
single phase, 60 Hz)
IFSM
80
80
80
80
Amps
Operating Junction Temperature
TJ
– 65 to +125
– 65 to +125
– 65 to +125
°C
THERMAL CHARACTERISTICS
Thermal Resistance — Junction to Lead
RθJL
11
11
11
11
°C/W
ELECTRICAL CHARACTERISTICS
Maximum Instantaneous Forward Voltage (Note 1.)
(iF = 3.0 A, TJ = 25°C)
VF
0.50
0.50
0.525
0.740
Volts
Maximum Instantaneous Reverse Current (Note 1.)
(Rated dc Voltage, TJ = 25°C)
(Rated dc Voltage, TJ = 100°C)
iR
2.0
20
2.0
20
2.0
20
0.5
20
mA
1. Pulse Test: Pulse Width = 300
µs, Duty Cycle ≤ 2.0%.



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com