Electronic Components Datasheet Search
  English  ▼

X  

0830536 Datasheet(PDF) 1 Page - PHOENIX CONTACT

Part # 0830536
Description  Label, can be removed - EML-RM (35X6,5)R
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT

0830536 Datasheet(HTML) 1 Page - PHOENIX CONTACT

  0830536 Datasheet HTML 1Page - PHOENIX CONTACT 0830536 Datasheet HTML 2Page - PHOENIX CONTACT 0830536 Datasheet HTML 3Page - PHOENIX CONTACT  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
https://www.phoenixcontact.com/us/produkte/0830536
09.05.2013   Page 1 / 3
Label, can be removed - EML-RM (35X6,5)R - 0830536
Please be informed that the data shown in this PDF Document is generated from our Online Catalog. Please find the complete data in the user's
documentation. Our General Terms of Use for Downloads are valid
(http://download.phoenixcontact.com)
Label, can be removed, Roll, white, Unlabeled, Can be labeled with: Thermomark R, Thermomark X,
Thermomark S, Mounting type: Adhesive, Lettering field: 35 x 6.5 mm
The figure shows a version of the
article
Product Features
 Stick-on device marking, removable
 Particularly suitable for temporary marking
 The labels cannot be reused following removal
Key commercial data
Packing unit
1 PCE
GTIN
Custom tariff number
39199000
Country of origin
GERMANY
Technical data
General
Length (b)
35 mm
Width (a)
6.5 mm
Color
white
Wipe resistance
DIN EN 61010-1 (VDE 0411-1)
Ambient temperature (operation)
-40 °C ... 120 °C
Ambient temperature (assembly)
15 °C
Components
free from silicone and halogen
Material
Polyester
Number of individual labels
2500
Number of individual labels per row
2
Adhesive
Acrylic


Similar Part No. - 0830536

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
0830530 PHOENIX-0830530 Datasheet
50Kb / 3P
Label, can be removed - EML-RM (15X15)R
0830531 PHOENIX-0830531 Datasheet
51Kb / 3P
Label, can be removed - EML-RM (20X7)R
0830532 PHOENIX-0830532 Datasheet
50Kb / 3P
Label, can be removed - EML-RM (24X4)R
0830533 PHOENIX-0830533 Datasheet
50Kb / 3P
Label, can be removed - EML-RM (25X8)R
0830534 PHOENIX-0830534 Datasheet
51Kb / 3P
Label, can be removed - EML-RM (25,4X12,7)R
More results

Similar Description - 0830536

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
0830528 PHOENIX-0830528 Datasheet
51Kb / 3P
Label, can be removed - EML-RM (8X8)R
0830529 PHOENIX-0830529 Datasheet
59Kb / 3P
Label, can be removed - EML-RM (15X6)R
0830530 PHOENIX-0830530 Datasheet
50Kb / 3P
Label, can be removed - EML-RM (15X15)R
0830531 PHOENIX-0830531 Datasheet
51Kb / 3P
Label, can be removed - EML-RM (20X7)R
0830533 PHOENIX-0830533 Datasheet
50Kb / 3P
Label, can be removed - EML-RM (25X8)R
0830534 PHOENIX-0830534 Datasheet
51Kb / 3P
Label, can be removed - EML-RM (25,4X12,7)R
0830535 PHOENIX-0830535 Datasheet
50Kb / 3P
Label, can be removed - EML-RM (32X10)R
0830537 PHOENIX-0830537 Datasheet
51Kb / 3P
Label, can be removed - EML-RM (40X15)R
0830538 PHOENIX-0830538 Datasheet
50Kb / 3P
Label, can be removed - EML-RM (45X5)R
0830548 PHOENIX-0830548 Datasheet
50Kb / 3P
Label, can be removed - EML-RM (35X6,5)RL-T
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com