Electronic Components Datasheet Search
  English  ▼

X  

CC3235MODSF Datasheet(PDF) 36 Page - Texas Instruments

Click here to check the latest version.
Part # CC3235MODSF
Description  CC3235MODx SimpleLink??Wi-Fi CERTIFIED??Dual-band Wireless MCU Module
PDF  106 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

CC3235MODSF Datasheet(HTML) 36 Page - Texas Instruments

Back Button CC3235MODSF Datasheet HTML 32Page - Texas Instruments CC3235MODSF Datasheet HTML 33Page - Texas Instruments CC3235MODSF Datasheet HTML 34Page - Texas Instruments CC3235MODSF Datasheet HTML 35Page - Texas Instruments CC3235MODSF Datasheet HTML 36Page - Texas Instruments CC3235MODSF Datasheet HTML 37Page - Texas Instruments CC3235MODSF Datasheet HTML 38Page - Texas Instruments CC3235MODSF Datasheet HTML 39Page - Texas Instruments CC3235MODSF Datasheet HTML 40Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 36 / 106 page
background image
36
CC3235MODS, CC3235MODSF
SWRS224A – FEBRUARY 2019 – REVISED AUGUST 2019
www.ti.com
Submit Documentation Feedback
Product Folder Links: CC3235MODS CC3235MODSF
Specifications
Copyright © 2019, Texas Instruments Incorporated
(1)
Stresses beyond those listed under Absolute Maximum Ratings may cause permanent damage to the device. These are stress ratings
only, and functional operation of the device at these or any other conditions beyond those indicated under Recommended Operating
Conditions is not implied. Exposure to absolute-maximum-rated conditions for extended periods may affect device reliability.
(2)
All voltage values are with respect to VSS, unless otherwise noted.
(3)
Junction temperature is for the CC3235x device that is contained within the module.
5
Specifications
5.1
Absolute Maximum Ratings
All measurements are referenced at the module pins unless otherwise indicated. All specifications are over process and
voltage unless otherwise indicated.
Over operating free-air temperature range (unless otherwise noted)
(1) (2)
MIN
MAX
UNIT
VBAT
–0.5
3.8
V
Digital I/O
–0.5
VBAT + 0.5
V
RF pin
–0.5
2.1
V
Analog pins
–0.5
2.1
V
Operating temperature (TA)
–40
85
°C
Storage temperature (Tstg)
–40
85
°C
Junction temperature (Tj)
(3)
120
°C
(1)
JEDEC document JEP155 states that 500-V HBM allows safe manufacturing with a standard ESD control process.
(2)
JEDEC document JEP157 states that 250-V CDM allows safe manufacturing with a standard ESD control process.
5.2
ESD Ratings
VALUE
UNIT
VESD
Electrostatic discharge
Human body model (HBM), per ANSI/ESDA/JEDEC JS001(1)
±2000
V
Charged device model (CDM),
per JESD22-C101(2)
All pins
±500
(1)
To ensure WLAN performance, the ripple on the power supply must be less than ±300 mV. The ripple should not cause the supply to fall
below the brownout voltage.
(2)
When operating at an ambient temperature of over 75°C, the transmit duty cycle must remain below 50% to avoid the auto-protect
feature of the power amplifier. If the auto-protect feature triggers, the device takes a maximum of 60 seconds to restart the transmission.
(3)
The minimum voltage specified includes the ripple on the supply voltage and all other transient dips. The brownout condition is also 2.1
V, and care must be taken when operating at the minimum specified voltage.
5.3
Recommended Operating Conditions
Over operating free-air temperature range (unless otherwise noted)
(1) (2) (3)
MIN
TYP
MAX
UNIT
VBAT
2.3
3.3
3.6
V
Operating temperature
–40
25
85
°C
Ambient thermal slew
–20
20
°C/minute



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com