Electronic Components Datasheet Search
  English  ▼

X  

MU2000K Datasheet(PDF) 1 Page - ZIEHL industrie-elektronik GmbH + Co KG

Part # MU2000K
Description  Universal-Measuring-Transducer MU2000K AC and DC, Voltage and Current
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ZIEHL [ZIEHL industrie-elektronik GmbH + Co KG]
Direct Link  https://www.ziehl.com
Logo ZIEHL - ZIEHL industrie-elektronik GmbH + Co KG

MU2000K Datasheet(HTML) 1 Page - ZIEHL industrie-elektronik GmbH + Co KG

  MU2000K Datasheet HTML 1Page - ZIEHL industrie-elektronik GmbH + Co KG  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
170 ZIEHL industrie-elektronik, 74523 Schwäbisch Hall, Germany, +49 791 504-0, info@ziehl.de, www.ziehl.de
Zero and full scale for other ranges can be scaled by
the user.
Outputs:
DC 0/4-20 mA
DC 0/2-10 V
Insulation between input, output and supply voltage
Displays and control elements:
2 buttons for scaling
4 LEDs for display of state and scaling
Universal supply-voltage AC/DC 24-240 V
Housing type K, 22,5 mm wide
Measuring Transducers for AC/DC voltage and current
MeasuringtransducersMU200Kcan
measure DC- and AC- voltages up
to 600 V and AC- and DC- currents
0-1/5 A.
Universal-Measuring-Transducer MU2000K
AC and DC, Voltage and Current
Rated supply voltage Us
AC/DC 24V-240 V, 0/50/60 Hz < 3 W < 8 VA
DC 20,4 - 297 V, AC 20 - 264 V
Input voltage
AC/DC0-30/150/300/600V,80-120V,Ri=500kΩ,
max. 600 V, max. 300 V to GND
Accuracy
DC ≤ 0,2% AC ≤ 0,5% (50/60 Hz) from full scale,
drift < 0,02 %K
Input current
AC/DC 1A, 5A, max. 7,5 A/4s, 25A/1s, 30 mΩ
Accuracy
DC ≤ 0,2%, AC ≤ 0,5% (50/60 Hz) from full scale,
drift < 0,02 %K
Measuring method/ Resolution
RMS (AC), Averaging (DC)/ 14 Bit
Output voltage
DC 0/2-10 V, load min. 1 kΩ
Accuracy
≤ 0,3 % from full scale, drift <0,01 %/K
Resolution
11.6 Bit, <3,1 mV
Output current
DC 0/4-20 mA, load max. 500 Ω
Accuracy
≤ 0,3 % from full scale, drift <0,015 %/K
Resolution
11,6 Bit, <6,1 mA
Error load
0,3 % of current x (250Ω - load / 250Ω
Galvanic insulation
Supply voltage - input - output
Measuring time/ Averaging
45 ms + 20 ms x number of averages (1/2/8/16/32
values)
Test conditons
see "general technical information"
Rated ambient temperature range -20 °C ... +50 °C
Housing dimensions (H x W x D) Design K, 75 x 22,5 x 115 mm
Protection housing/terminals
IP 40 / IP 20
Attachment
35 mm standard rail or screws M4
Weight
app. 100 g
•
•
•
Technical Data
Preset measuring ranges can be
selected.Moremeasuringranges
(zero and full scale) can be easily
scaled.
The output signals DC 0/2-10
V and 0/4-20 mA are insulated
from measuring input and supply
voltage.
With its universal supply voltage
AC/DC 24-240 V the measuring
transducer can be connected to
all common supply voltages.
The MU2000K e.g. is suitable
for measuring DC voltages and
charging currents at batteries or
for measuring AC voltages and
currents in plants for own gene-
ration of energy.
Inputs:
Voltage AC/DC 600 V (preset
0-30/150/300/600V,80-120V)
Current AC/DC 5 A (preset
1/5 A)
ACandDCmeasuringwithout
switching over
•
•
•
•
•
•
•
2019-03-12
MU2000K
Part number:
T236053


Similar Part No. - MU2000K

ManufacturerPart #DatasheetDescription
logo
Central Semiconductor C...
MU20 CENTRAL-MU20 Datasheet
177Kb / 4P
MU4893
logo
STANLEY ELECTRIC CO.,LT...
MU20 STANLEY-MU20 Datasheet
2Mb / 14P
Single Color / Light Bar Module
logo
List of Unclassifed Man...
MU20-2101 ETC-MU20-2101 Datasheet
238Kb / 4P
SUPER BRIGHT LED LIGHT BAR MODULE
logo
STANLEY ELECTRIC CO.,LT...
MU20-2101 STANLEY-MU20-2101 Datasheet
2Mb / 14P
Single Color / Light Bar Module
logo
List of Unclassifed Man...
MU20-2105 ETC-MU20-2105 Datasheet
238Kb / 4P
SUPER BRIGHT LED LIGHT BAR MODULE
More results

Similar Description - MU2000K

ManufacturerPart #DatasheetDescription
logo
LEM
AHR-B5 LEM-AHR-B5 Datasheet
844Kb / 3P
AC/DC Current transducer
AHR-B10 LEM-AHR-B10 Datasheet
845Kb / 3P
AC/DC Current transducer
AHR-B420 LEM-AHR-B420 Datasheet
361Kb / 3P
AC/DC Current transducer
DHR100C10 LEM-DHR100C10 Datasheet
880Kb / 3P
AC/DC Current transducer
DHR-C420 LEM-DHR-C420 Datasheet
881Kb / 3P
AC/DC Current transducer
DHR500C10 LEM-DHR500C10_12 Datasheet
641Kb / 4P
AC/DC Current Transducer
DHR-C10 LEM-DHR-C10 Datasheet
643Kb / 4P
AC/DC Current Transducer
DHR500C420 LEM-DHR500C420_12 Datasheet
688Kb / 4P
AC/DC Current Transducer
logo
ZIEHL industrie-elektro...
MU1000K ZIEHL-MU1000K Datasheet
320Kb / 1P
Universal-Measuring-Transducer MU1000K Temperature Pt 100 (RTD), DC Current and Voltage, Isolating Amplifier
MU1001K ZIEHL-MU1001K Datasheet
870Kb / 1P
Universal-Measuring-Transducer MU1001K DC Voltage, Isolating Amplifier
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com