Electronic Components Datasheet Search
  English  ▼

X  

STWA1 Datasheet(PDF) 2 Page - ZIEHL industrie-elektronik GmbH + Co KG

Part # STWA1
Description  Current-Relay SolarYes
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ZIEHL [ZIEHL industrie-elektronik GmbH + Co KG]
Direct Link  https://www.ziehl.com
Logo ZIEHL - ZIEHL industrie-elektronik GmbH + Co KG

STWA1 Datasheet(HTML) 2 Page - ZIEHL industrie-elektronik GmbH + Co KG

  STWA1 Datasheet HTML 1Page - ZIEHL industrie-elektronik GmbH + Co KG STWA1 Datasheet HTML 2Page - ZIEHL industrie-elektronik GmbH + Co KG  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
117
ZIEHL industrie-elektronik, 74523 Schwäbisch Hall, Germany, +49 791 504-0, info@ziehl.de, www.ziehl.de
2
Current Relays Type SolarYes
Technical Data SolarYes
Rated Supply Voltage
Power Consumption
Relay-Output
Measuring Inputs
Function
Test Conditions
Rated ambient temperature
range
Housing
Dimensions (w x h x d)
Protection housing/terminals
Attachment
Weight
AC/DC 24-240 V, 0/45...65 Hz
DC: 20,4...297 V, AC: 20,4...264 V
< 0,5 W, < 1,2 VA
2 Change-over contact (CO)
type 2, see general technical hints
1-8 Current transformers STWA 1 or STWA 1 H
Sensitivity adjustable AC 0,3 - 2,4 A ± 30%
max. 100 A continously, 300 A / 10 s
Monitoring interval adjustable 1-8 days
see general technical hints
-20°C...+65°C
Design V4
70 x 90 x 58 mm, mounting height 55 mm
IP 30 / IP 20
DIN-rail 35 mm or screw-mount M4
approx. 180 g



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com