Electronic Components Datasheet Search
  English  ▼

X  

WD100V Datasheet(PDF) 1 Page - ZIEHL industrie-elektronik GmbH + Co KG

Part # WD100V
Description  Watchdog Time-Relay Type WD100V
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ZIEHL [ZIEHL industrie-elektronik GmbH + Co KG]
Direct Link  https://www.ziehl.com
Logo ZIEHL - ZIEHL industrie-elektronik GmbH + Co KG

WD100V Datasheet(HTML) 1 Page - ZIEHL industrie-elektronik GmbH + Co KG

  WD100V Datasheet HTML 1Page - ZIEHL industrie-elektronik GmbH + Co KG  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
155
ZIEHL industrie-elektronik, 74523 Schwäbisch Hall, Germany, +49 791 504-0, info@ziehl.de, www.ziehl.de
Watchdog Time-Relay
Watchdog Time-Relay Type WD100V
emergency-stop circuit of the machine.
Application:
Monitoring of controls/IPC in packing machines.
Monitoring of application software
Inthecontroltechnologyoftoday,
the number of industrial PCs
(IPC) partly with decentralized
intelligenceconstantlyincreases.
Individual processes are control-
led independent of each other. In
case of failure or malfunction of
one component, it can therefore
be necessary to switch off the
hardware of a complete machine
or plant.
Time-Relay WD100V is used
to make sure that because of
malfunctions in the program
flow, caused by short-term volt-
age interruptions for instance,
no undefined status are created.
The output signal can be evalu-
ated by a superordinate control
or directly switched into the
The software of the mmonitored
control (PLC, IPC) makes a clock
signal at the output Q5 (DC24V,
transistor). The relay of the
WD100V picks up only when the
input recognizes a clock signal.
The time between two slopes has
to be shorter than the time set at
theWD100V(timexscale).When
the clock is missing completely or
atamissingslope,theoutputrelay
of the WD100V opens contacts
11-14 and the motor is switched
off respectively switching on is
inhibited.Whenthesquaresignals
recovers and the reset-input is
closed or supply-voltage is swit-
Rated supply voltageUs
Contact elements
Contact type
Measuring input clock
Pulse lenth
Input Reset
Rated ambient temp. range
Dimensions h x w x d
Weight
Attachment
Protection housing / terminals
Technical Data
AC/DC 24-240 V, 0/50/60 Hz, <2W, < 3 VA
DC 20,4-297 V, AC 20-264 V
1 change-over contact (co)
Type 3 see "General technical Informations"
app. DC 5/24 V square wave
Relay picked up when square wave voltage is fed
Relay is released 1-10.000 ms after last slope
0,5 ... 10.000 ms
Button for Reset / bridge = autoreset
-32°C...+70°C
Design V2: 90 x 35 x 58 [mm]
approx. 100 g
on 35 mm DIN-rail or with screws M4.
IP 30/ IP 20
2018-04-24
Q1 = relay output PLC
Q5 = clock from PLC
Example for application: Release motor
ched on, the relay picks up again (not earlier than 500
ms after switching off).
WD100V
Part number:
Z224319
4


Similar Part No. - WD100V

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
WD100 ETC1-WD100 Datasheet
45Kb / 2P
DC/DC Converters
logo
XP Power Limited
WD100 XPPOWER-WD100 Datasheet
62Kb / 2P
DC-DC Converters
logo
List of Unclassifed Man...
WD1000M ETC1-WD1000M Datasheet
1Mb / 11P
Big-screen simplicity
WD1001 ETC2-WD1001 Datasheet
44Kb / 1P
Digital 85W Soldering Station, 120 V
WD1001 ETC1-WD1001 Datasheet
1Mb / 11P
Big-screen simplicity
More results

Similar Description - WD100V

ManufacturerPart #DatasheetDescription
logo
Dallas Semiconductor
DS1501 DALLAS-DS1501 Datasheet
265Kb / 20P
Y2K-Compliant Watchdog Real-Time Clocks
logo
List of Unclassifed Man...
JSB-53FA ETC1-JSB-53FA Datasheet
167Kb / 2P
TIME RELAY 0.05S~24H
JSB-53FC ETC1-JSB-53FC Datasheet
300Kb / 2P
TIME RELAY 0.05S~24H
logo
Maxim Integrated Produc...
DS1501 MAXIM-DS1501 Datasheet
277Kb / 21P
Y2K-Compliant Watchdog Real-Time Clocks
REV: 011607
DS1501 MAXIM-DS1501_09 Datasheet
448Kb / 22P
Y2K-Compliant Watchdog Real-Time Clocks
REV: 010909
logo
Tyco Electronics
SCF MACOM-SCF Datasheet
148Kb / 1P
Programmable Time Delay Relay
2-1393138-0 MACOM-2-1393138-0 Datasheet
51Kb / 2P
Compact Time Delay Relay
2-1393138-8 MACOM-2-1393138-8 Datasheet
51Kb / 2P
Compact Time Delay Relay
2-1393138-9 MACOM-2-1393138-9 Datasheet
51Kb / 2P
Compact Time Delay Relay
logo
Littelfuse
TDR LITTELFUSE-TDR Datasheet
437Kb / 2P
Relay Output, Recycling Time Delay Relay
2016 Rev: 1-A-062116
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com