Electronic Components Datasheet Search
  English  ▼

X  

S225522 Datasheet(PDF) 2 Page - ZIEHL industrie-elektronik GmbH + Co KG

Part # S225522
Description  Control for Suction Plants STW84V with integrated control for dedusting of filters and volume flow
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ZIEHL [ZIEHL industrie-elektronik GmbH + Co KG]
Direct Link  https://www.ziehl.com
Logo ZIEHL - ZIEHL industrie-elektronik GmbH + Co KG

S225522 Datasheet(HTML) 2 Page - ZIEHL industrie-elektronik GmbH + Co KG

  S225522 Datasheet HTML 1Page - ZIEHL industrie-elektronik GmbH + Co KG S225522 Datasheet HTML 2Page - ZIEHL industrie-elektronik GmbH + Co KG  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
136 ZIEHL industrie-elektronik, 74523 Schwäbisch Hall, Germany, +49 791 504-0, info@ziehl.de, www.ziehl.de
Technical Data STW84V
Power Supply
Housing
Command inputs
Relay output
Voltage output +U
Inputs
AC/DC 24-240 V
+10...-15%
< 12 VA
50/ 60 Hz
11 change-over contacts (co)
type 3
max. 5 A/ 1250 VA
EN 61010
Ui 250 V
2
4000 V
EN 61326-1 CISPR 11 class B
EN 61326-1 (industrial surrounding)
-20°C…+45°C
DC 17-21 V
max. 120 m A at Us = 230 V (max. 8 Current sensors S1)
max. 10 mA at Us = 24 V (0 sensors S1)
1...8 STWA 1, floating contact or AC/DC 24 V, STWA 1 H or
current-sensor S1
100 A/300 A
ca.15 kΩ
adjustable 0.5... 5 A
±20%
+ DC 24 V
+ DC 24 V
approx.15 kΩ
V 8 (installation)
90 x 140 x 58 mm, mounting height 55 mm
1 x 1.5 mm2 for each pole
any
on 35 mm DIN rail or M4 screws
IP 30
IP 20
1 mm 25 cycles per second /
10 g 25 - 100 cycles per second of
10 g 20 ms
20 g 4 ms
approx. 350g
rated supply voltage US
Voltage tolerance
Power consumption
Frequency
Contact elements
Type of contact
(see with " general information "
under relays)
rated insulation voltage Ui
Pollution degree
rated impulse voltageelement
EMC - interference transmission
EMC - interference resistance
rated ambient temperature range
Overload cap. continuous/max.10s
Current overload capacity
Operating value
Tolerance
Y2, external dedusting command
I1&I8, command all valves open
internal resistance of inputs
Design
Dimensions (h x w x d) mm
Wire connections
Installation position
Attachment
Housing protection
Terminal protection
Vibration resistance
Shock resistance
Weight
Test conditions
2017-03-13
Controls for Suction Plants Type STW



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com