Electronic Components Datasheet Search
  English  ▼

X  

STW200 Datasheet(PDF) 1 Page - ZIEHL industrie-elektronik GmbH + Co KG

Part # STW200
Description  Current-Relay for Obstacle Lights AC 12 - 120 mA for LED-Lamps, 0,1...1 A for light bulbs
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ZIEHL [ZIEHL industrie-elektronik GmbH + Co KG]
Direct Link  https://www.ziehl.com
Logo ZIEHL - ZIEHL industrie-elektronik GmbH + Co KG

STW200 Datasheet(HTML) 1 Page - ZIEHL industrie-elektronik GmbH + Co KG

  STW200 Datasheet HTML 1Page - ZIEHL industrie-elektronik GmbH + Co KG  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
104 ZIEHL industrie-elektronik, 74523 Schwäbisch Hall, Germany, +49 791 504-0, info@ziehl.de, www.ziehl.de
Current Relays adjustable Type STW
Current-Relay for Obstacle Lights
AC 12 - 120 mA for LED-Lamps, 0,1...1 A for light bulbs
•
•
•
•
•
•
•
•
•
Technical Data
Application:
Monitoring of LED-Lamps or light-bulbs in twin obsta-
cle lights with alarm (lamp failure) and switching on a
reserve lamp.
Monitoring of the function of single obstacle lights.
At conventional solutions with a change-over contact,
there is a short on-pulse at the reserve lamp everytime
when the system is switched on. The STW200 switches
it on only in case of a failure of the main lamp.
LED-lamps can also be monitored with long cables
between relay and lamp.
When monitoring LED-lamps a total failure is detected.
Failures of single LEDs are not detected.
Current-relays STW200 monitor
AC-currents for falling below an
adjusted limit. The ranges 12 ...
120 mA and 0,1 ... 1 A allow the
monitoring of LED-Lamps as
well as incandescent lamps in
obstruction lights.
Incaseofmainlampfailurearelay
switches on the reserve lamp.
An alarm contact is available for
signaling a lamp failure.
If an alarm is required in case of
failure of reserve lamp, a second
STW200 is used.
Measuring input 12...120 mA
for LED-lamps
Measuring input 0,1...1 A for
incandescent lamps (bulbs)
withstands current-peaks
when switching on lamp
Adjustment range 10...100
%
Relay for switching on reserve light in operating-
current mode
Relay for alarm in closed-current mode
Cable-length from relay to lamp up to 500 m
Display green = o.k., red = low current alarm
Housing 70 mm wide, mounting height 55 mm
Supply voltage Us
Tolerance
Relay output
Type of contact
Measuring ranges
Tolerance / repeating error
Hysteresis
Delay alarm
rated ambient temp. range
Dimensions H x B x T
Line connection
Attachment
Protection housing/terminals
Weight
AC 230 V 50/60 Hz, < 3 VA
0,85 ... 1,1 Us
2 x 1 change-over contact
type 2 see "General Technical Informations"
AC 12...120 mA / AC 0,1...1 A
±15 % / <1 %
app. 5%
app. 2 s
-40°C...+55°C
V 4: 90 x 70 x 58 mm, mounting height 55 mm
one wire: 4 mm2, stranded with sleeves: 2,5 mm2
35 mm DIN-rail or 2 screws M4 (option)
IP 30/ IP 20
app. 210 g
STW200
Part number:
S225530
AC 230 V


Similar Part No. - STW200

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STW200NF03 STMICROELECTRONICS-STW200NF03 Datasheet
292Kb / 8P
N-CHANNEL 30V - 0.002 ohm - 120A TO-247 ULTRA LOW ON-RESISTANCE STripFET™ II MOSFET
Oct-2002
logo
Inchange Semiconductor ...
STW200NF03 ISC-STW200NF03 Datasheet
351Kb / 2P
isc N-Channel MOSFET Transistor
More results

Similar Description - STW200

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NCV7691 ONSEMI-NCV7691 Datasheet
175Kb / 18P
Current Controller for Automotive LED Lamps
May, 2015 ??Rev. 3
logo
Rohm
BD18340FV-M ROHM-BD18340FV-M Datasheet
1Mb / 39P
Constant Current Controller for Automotive LED Lamps
BD18342FV-M ROHM-BD18342FV-M Datasheet
2Mb / 39P
Constant Current Controller for Automotive LED Lamps
BD18343FV-M ROHM-BD18343FV-M Datasheet
2Mb / 35P
Constant Current Controller for Automotive LED Lamps
BD18345EFV-M ROHM-BD18345EFV-M Datasheet
3Mb / 41P
Constant Current Controller for Automotive LED Lamps
logo
ZIEHL industrie-elektro...
STW1000 ZIEHL-STW1000 Datasheet
322Kb / 1P
Current Relay for DC- and AC-currents AC/DC 0,1 - 10 A, 60 mV with external shunt
logo
Rohm
BD18326NUF-M ROHM-BD18326NUF-M Datasheet
1Mb / 39P
40 V 600 mA 1ch Constant Current Driver for Automotive LED Lamps
logo
ON Semiconductor
NCV7692 ONSEMI-NCV7692 Datasheet
235Kb / 18P
Current Controller for Automotive LED Lamps
April, 2018 ??Rev. 0
logo
PHOENIX CONTACT
103161 PHOENIX-103161 Datasheet
221Kb / 9P
Current transducer for 1 A and 5 A AC
2013-04-22
logo
Rohm
BD18336NUF-M ROHM-BD18336NUF-M Datasheet
2Mb / 38P
40 V 600 mA 1ch Constant Current Driver for Automotive LED Lamps
04.Jun.2020 Rev.002
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com