Electronic Components Datasheet Search
  English  ▼

X  

AD7942 Datasheet(PDF) 9 Page - Analog Devices

Part # AD7942
Description  3mW, 100kSPS, 14-Bit ADC in 6-Lead SOT-23
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD7942 Datasheet(HTML) 9 Page - Analog Devices

Back Button AD7942 Datasheet HTML 5Page - Analog Devices AD7942 Datasheet HTML 6Page - Analog Devices AD7942 Datasheet HTML 7Page - Analog Devices AD7942 Datasheet HTML 8Page - Analog Devices AD7942 Datasheet HTML 9Page - Analog Devices AD7942 Datasheet HTML 10Page - Analog Devices AD7942 Datasheet HTML 11Page - Analog Devices AD7942 Datasheet HTML 12Page - Analog Devices AD7942 Datasheet HTML 13Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 20 page
background image
AD7940
Rev. 0 | Page 9 of 20
TYPICAL PERFORMANCE CHARACTERISTICS
Figure 5 shows a typical FFT plot for the AD7940 at 100 kSPS
sample rate and 10 kHz input frequency. Figure 6 shows the
signal-to-(noise + distortion) ratio performance versus the
input frequency for various supply voltages while sampling at
100 kSPS with an SCLK of 2.5 MHz.
Figure 7 shows a graph of the total harmonic distortion versus
the analog input frequency for various supply voltages, while
Figure 8 shows a graph of the total harmonic distortion versus
the analog input frequency for various source impedances (see
the Analog Input section). Figure 9 and Figure 10 show the
typical INL and DNL plots for the AD7940.
–140
–120
–100
–80
–60
–40
–20
–160
0
10k
20k
30k
40k
FREQUENCY (kHz)
50k
0
VDD = 4.75V
FSAMPLE = 100kSPS
FIN = 10kHz
SNR = 84.48dB
SINAD = 84.35dB
THD = –98.97dB
SFDR = –100.84dB
Figure 5. AD7940 Dynamic Performance at 100 kSPS
80
85
75
10
INPUT FREQUENCY (kHz)
100
90
FSAMPLE = 100kSPS
TA = 25°C
VDD = 5.25V
VDD = 4.75V
VDD = 2.5V
VDD = 4.3V
VDD = 3.6V
VDD = 3V
VDD = 2.7V
Figure 6. AD7940 SINAD vs. Analog Input Frequency
for Various Supply Voltages at 100 kSPS
90
100
80
10
INPUT FREQUENCY (kHz)
100
110
85
95
105
FSAMPLE = 100kSPS
TA = 25°C
VDD = 3V
VDD = 2.7V
VDD = 4.3V
VDD = 2.5V
VDD = 5.25V
VDD = 4.75V
VDD = 3.6V
Figure 7. AD7940 THD vs. Analog Input Frequency
for Various Supply Voltages at 100 kSPS
90
100
70
75
10
INPUT FREQUENCY (kHz)
100
110
85
80
95
105
FSAMPLE = 100kSPS
TA = 25°C
VDD = 4.75V
RIN = 10Ω
RIN = 50Ω
RIN = 100Ω
RIN = 1000Ω
Figure 8. AD7940 THD vs. Analog Input Frequency
for Various Source Impedances



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com