Electronic Components Datasheet Search
  English  ▼

X  

SHM-14LM Datasheet(PDF) 4 Page - DATEL, Inc.

Part # SHM-14LM
Description  14-Bit Linear Sample-Hold Amplifi er
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DATEL [DATEL, Inc.]
Direct Link  http://www.datel.com/
Logo DATEL - DATEL, Inc.

SHM-14LM Datasheet(HTML) 4 Page - DATEL, Inc.

  SHM-14LM Datasheet HTML 1Page - DATEL, Inc. SHM-14LM Datasheet HTML 2Page - DATEL, Inc. SHM-14LM Datasheet HTML 3Page - DATEL, Inc. SHM-14LM Datasheet HTML 4Page - DATEL, Inc. SHM-14LM Datasheet HTML 5Page - DATEL, Inc.  
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
CLCC Package
Recommended LCC Pad Layout
Top View
Side View
0.065 ±.007
0.066 ±.010
.025 ±.003
.420 sq + .010 /-.005
.265 sq. ±.006
.040 typ.
Orientation
indicator
.070 +.010 / -.005
.020 typ.
(1.02)
PIN 1
8
9
16
R. .0075 typ.
Bottom View
DATEL, Inc. 11 Cabot Boulevard, Mansfield, MA 02048-1151 USA • Tel: (508) 339-3000 • www.datel.com • e-mail: help@datel.com
0.530"
0.024"
0.020"
0.040"
0.100"
SHM-14
14-Bit Linear Sample-Hold Amplifier
MDA_SHM-14.A04 Page 4 of 5



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com